Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC374 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74VHC374
Descripción Electrónicos  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC374 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC374 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC374 Rev. 1.3
5
AC Electrical Characteristics
Notes:
3. Parameter guaranteed by design. tOSLH = |tPLH max – tPLH min|; tOSHL = |tPHL max – tPHL min|
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates
can be calculated by the equation: CPD (total) = 20 + 12n.
AC Operating Requirements
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay
Time (CP to On)
3.3 ± 0.3
CL = 15pF
8.1
12.7
1.0
15.0
ns
CL = 50pF
10.6
16.2
1.0
18.5
5.0 ± 0.5
CL = 15pF
5.4
8.1
1.0
9.5
ns
CL = 50pF
6.9
10.1
1.0
11.5
tPZL, tPZH 3-STATE Output
Enable Time
3.3 ± 0.3 RL = 1kΩ
CL = 15pF
7.1
11.0
1.0
13.0
ns
CL = 50pF
9.6
14.5
1.0
16.5
5.0 ± 0.5
CL = 15pF
5.1
7.6
1.0
9.0
ns
CL = 50pF
6.6
9.6
1.0
11.0
tPLZ, tPHZ 3-STATE Output
Disable Time
3.3 ± 0.3 RL = 1kΩ
CL = 50pF
10.2
14.0
1.0
16.0
ns
5.0 ± 0.5
CL = 50pF
6.1
8.8
1.0
10.0
tOSLH,
tOSHL
Output to Output
Skew
3.3 ± 0.3 (3)
CL = 50pF
1.5
1.5
ns
5.0 ± 0.5
CL = 50pF
1.0
1.0
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
80
130
70
MHz
CL = 50pF
55
85
50
5.0 ± 0.5
CL = 15pF
130
185
110
CL = 50pF
85
120
75
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
6
pF
CPD
Power Dissipation
Capacitance
(4)
32
pF
Symbol
Parameter
VCC (V)
TA = 25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(H), tW(L)
Minimum Pulse Width
(CP)
3.3 ± 0.3
5.0
5.5
ns
5.0 ± 0.5
5.0
5.0
tS
Minimum Set-Up Time
3.3 ± 0.3
4.5
4.5
ns
5.0 ± 0.5
3.0
3.0
tH
Minimum Hold Time
3.3 ± 0.3
2.0
2.0
ns
5.0 ± 0.5
2.0
2.0


Número de pieza similar - 74VHC374

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC374 FAIRCHILD-74VHC374 Datasheet
108Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
303Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Fairchild Semiconductor
74VHC374 FAIRCHILD-74VHC374 Datasheet
210Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Descripción similar - 74VHC374

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com