Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1816A Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD1816A
Descripción Electrónicos  SoundPort Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1816A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1816A_15 Datasheet HTML 4Page - Analog Devices AD1816A_15 Datasheet HTML 5Page - Analog Devices AD1816A_15 Datasheet HTML 6Page - Analog Devices AD1816A_15 Datasheet HTML 7Page - Analog Devices AD1816A_15 Datasheet HTML 8Page - Analog Devices AD1816A_15 Datasheet HTML 9Page - Analog Devices AD1816A_15 Datasheet HTML 10Page - Analog Devices AD1816A_15 Datasheet HTML 11Page - Analog Devices AD1816A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD1816A
–8–
REV. A
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD × θCA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
PQFP
35.1
°C/W
7
°C/W
28
°C/W
TQFP
35.3
°C/W
8
°C/W
27.3
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1816AJS
0
°C to +70°C
100-Lead PQFP
S-100
AD1816AJST 0
°C to +70°C
100-Lead TQFP
ST-100
*S = Plastic Quad Flatpack; ST = Thin Quad Flatpack. JST package option
availability subject to 10,000 PC minimum order quantity.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Min
Max
Units
Power Supplies
Digital (VDD)
–0.3
6.0
V
Analog (VCC)
–0.3
6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
VCC + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
VDD + 0.3 V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1816A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
The AD1816A latchup immunity has been demonstrated at
≥ +100 mA/–80 mA on all pins when
tested to Industry Standard/JEDEC methods.
WARNING!
ESD SENSITIVE DEVICE
OBSOLETE


Número de pieza similar - AD1816A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1816AJS AD-AD1816AJS Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1816AJST AD-AD1816AJST Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
More results

Descripción similar - AD1816A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1816A AD-AD1816A Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1812 AD-AD1812 Datasheet
339Kb / 20P
   SoundPort Controller
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com