Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9032 Datasheet(PDF) 3 Page - Analog Devices |
|
AD9032 Datasheet(HTML) 3 Page - Analog Devices |
3 / 8 page Test AD9032AD/AZ AD9032BD/BZ AD9032TD/TZ Parameter (Conditions) Temp Level Min Typ Max Min Typ Max Min Typ Max Units DIGITAL OUTPUTS (10K ECL) Logic “1” Voltage Full VI –1.1 –1.1 –1.1 V Logic “0” Voltage Full VI –1.5 –1.5 –1.5 V Output Coding 2s Complement 2s Complement 2s Complement POWER SUPPLY +VS Supply Voltage Full VI 4.75 5.0 5.25 4.75 5.0 5.25 4.75 5.0 5.25 mA +VS Supply Current Full VI 133 160 133 160 133 160 mA –VS Supply Voltage Full VI –5.45 –5.2 –4.95 –5.45 –5.2 –4.95 –5.45 –5.2 –4.95 mA –VS Supply Current Full VI 610 672 610 672 610 672 mA Power Dissipation Full VI 3.8 4.5 3.8 4.5 3.8 4.5 W Power Supply Rejection Ratio (PSRR) 4 Full VI 4.0 10 4.0 10 4.0 10 mV/V NOTES 1Outputs terminated through 510 Ω to –5.2 V; C L < 4 pF. Typical values are valid for +25 °C ambient. 2RMS signal to rms noise with analog input signal 1 dB below full scale at specified frequency. 3Intermodulation measured with analog input frequencies of 9.3 MHz and 9.6 MHz at 7 dB below full scale. 4PSRR is sensitivity of offset error to power supply variations within the 5% limits shown. Specifications subject to change without notice. ABSOLUTE MAXIMUM RATINGS 1 +VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7 V –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to 0 V Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Operating Temperature Range AD9032AD/BD/AZ/BZ . . . . . . . . . . . . . . . . –25 °C to +85°C AD9032TD/TZ . . . . . . . . . . . . . . . . . . . . . –55 °C to +125°C Maximum Junction Temperature 2 +175 °C Lead Temperature (Soldering, 10 seconds) . . . . . . . . . +300 °C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C NOTES 1Absolute maximum ratings are limiting values to be applied individually, and beyond which the service ability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2Typical thermal impedances: θ CA = 13 °C/W; T J – TC = 10 °C max (worst case die junction temperature rise). See Thermal Management section. EXPLANATION OF TEST LEVELS Test Level I – 100% production tested. II – 100% production tested at +25 °C, and sample tested at specified temperatures. AC testing done on sample basis. III – Sample tested only. IV – Parameter is guaranteed by design and characterization testing. V – Parameter is a typical value only. VI – All devices are 100% production tested at +25 °C. Devices are 100% production tested at temperature extremes for extended temperature devices; sample tested at temperature extremes for commercial/ industrial devices. ORDERING GUIDE Model Temperature Range Package Description Package Option AD9032AD –25 °C to +85°C 40-Pin Ceramic DIP DH-40A AD9032AZ* –25 °C to +85°C 40-Pin Ceramic Leaded Chip Carrier Z-40 AD9032BD –25 °C to +85°C 40-Pin Ceramic DIP DH-40A AD9032BZ* –25 °C to +85°C 40-Pin Ceramic Leaded Chip Carrier Z-40 AD9032TD –55 °C to +125°C 40-Pin Ceramic DIP DH-40A AD9032TZ* –55 °C to +125°C 40-Pin Ceramic Leaded Chip Carrier Z-40 AD9034/PWB Printed Circuit Board (Only) of Evaluation Circuit AD9034/PCB Complete Evaluation Board, Assembled and Tested (Order AD9032 DIP Separately) *Ceramic leaded chip carrier packages are tested and shipped with unformed leads. Consult the factory for availability. AD9032 REV. 0 –3– OBSOLETE |
Número de pieza similar - AD9032_15 |
|
Descripción similar - AD9032_15 |