Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF04 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza BUF04
Descripción Electrónicos  Closed-Loop High Speed Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

BUF04 Datasheet(HTML) 3 Page - Analog Devices

  BUF04_15 Datasheet HTML 1Page - Analog Devices BUF04_15 Datasheet HTML 2Page - Analog Devices BUF04_15 Datasheet HTML 3Page - Analog Devices BUF04_15 Datasheet HTML 4Page - Analog Devices BUF04_15 Datasheet HTML 5Page - Analog Devices BUF04_15 Datasheet HTML 6Page - Analog Devices BUF04_15 Datasheet HTML 7Page - Analog Devices BUF04_15 Datasheet HTML 8Page - Analog Devices BUF04_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.8
2.0
mV
–40
°C ≤ T
A ≤ +85°C
1.0
4
mV
Input Bias Current
IB
VCM = 0 V
0.15
5
µA
–40
°C ≤ T
A
≤ +85°C
1.6
10
µA
Input Voltage Range
VCM
±3.0
V
Offset Voltage Drift
∆V
OS/
∆T30
µV/°C
Offset Null Range
±25
mV
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 150
Ω,
±3.0
V
–40
°C ≤ T
A ≤ +85°C
±2.75
±3.00
V
RL = 2 k
Ω,
±3.0
±3.6
V
–40
°C ≤ T
A
≤ +85°C
±3.0
±3.35
V
Output Current - Continuous
IOUT
±40
mA
Peak Output Current
IOUTP
Note 2
±75
mA
TRANSFER CHARACTERISTICS
Gain
AVCL
RL = 2 k
Ω,
0.995
0.9977
1.005
V/V
–40
°C ≤ T
A ≤ +85°C
0.995
1.005
V/V
Gain Linearity
NL
RL = 1 k
0.005
%
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±4.5 V to ±18 V
76
93
dB
–40
°C ≤ T
A
≤ +85°C76
93
dB
Supply Current
ISY
VO = 0 V, RL = ∞
6.60
8
mA
–40
°C ≤ T
A
≤ +85°C
6.70
8
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω, C
L = 70 pF
2000
V/
µs
Bandwidth
BW
–3 dB, CL = 20 pF, RL =
100
MHz
Bandwidth
BW
–3 dB, CL = 20 pF, RL = 1 kΩ
100
MHz
Bandwidth
BW
–3 dB, CL = 20 pF, RL = 150
100
MHz
Differential Phase
f = 3.58 MHz, RL = 150
0.13
Degrees
f = 4.43 MHz, RL = 150 Ω
0.15
Degrees
Differential Gain
f = 3.58 MHz, RL = 150
0.04
%
f = 4.43 MHz, RL = 150
0.06
%
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
4
nV/
√Hz
Current Noise Density
in
f = 1 kHz
2
pA/
√Hz
NOTE
1Long term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125
°C, with an LTPD of 1.3.
Specifications subject to change without notice.
(@ VS =
5.0 V, TA = +25 C unless otherwise noted)
BUF04
REV. 0
–3–
OBSOLETE


Número de pieza similar - BUF04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701 TI1-BUF04701 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF04701AIDGS TI-BUF04701AIDGS Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701AIDGSR TI-BUF04701AIDGSR Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701AIPWR TI-BUF04701AIPWR Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
More results

Descripción similar - BUF04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com