Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP186 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza OP186
Descripción Electrónicos  Ultra Low Power Rail-to-Rail Output Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP186 Datasheet(HTML) 2 Page - Analog Devices

  OP186_15 Datasheet HTML 1Page - Analog Devices OP186_15 Datasheet HTML 2Page - Analog Devices OP186_15 Datasheet HTML 3Page - Analog Devices OP186_15 Datasheet HTML 4Page - Analog Devices OP186_15 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
OP186
OP186
–2–
REV. -0.1
02/21/97
ELECTRICAL SPECIFICATIONS (@ V
S=+3.0V, VCM = 0.1V,TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
4
mV
-40°
≤T
A ≤ +125°C
mV
Input Bias Current
IB
3.2
nA
-40°
≤T
A ≤ +125°C
nA
Input Offset Current
IOS
nA
-40°
≤T
A ≤ +125°C
nA
Input Voltage Range
0
2
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 to 2.0V
dB
-40°
≤T
A ≤ +125°C
dB
Large Signal Voltage Gain
AVO
RL = 1MΩ , VO = 0.3 to 2.7V
V/mV
-40°
≤T
A ≤ +125°C
V/mV
Offset Voltage Drift
∆V
OS/∆T
µV/°C
Bias Current Drift
∆I
B/∆T
pA/°C
Offset Current Drift
∆I
OS/∆T
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100kΩ to Gnd.
2.95
2.99
V
-40°C to +125°C
2.90
2.98
V
Output Voltage Low
VOL
RL = 100kΩ to V+
10
mV
-40°C to +125°C
35
mV
Short Circuit Limit
ISC
±2
mA
-40°C to +125°C
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7V to 12 V
dB
-40°
≤T
A ≤ +125°C
dB
Supply Current/Amplifier
ISY
-40°
≤T
A ≤ +125°C
4
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =100 k
Ω, C
L = 50pF
28
V/ms
Turn On Time
AV = 1, VO = 1
µs
Turn On Time
AV = 20, VO = 1
µs
Settling Time
ts
To 0.01%
µs
Gain Bandwidth Product
GBP
kHz
Phase Margin
Øo
degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 to 10 Hz
µVp-p
Voltage Noise Density
en
f = 1kHz
110
nV/
√Hz
Current Noise Density
in
pA/
√Hz
OBSOLETE


Número de pieza similar - OP186_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP186GRT AD-OP186GRT Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Descripción similar - OP186_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
   Low-power, rail-to-rail output, 36 V operational amplifier
August 2015 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com