Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7755 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7755
Descripción Electrónicos  Energy Metering IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7755 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7755_15 Datasheet HTML 5Page - Analog Devices AD7755_15 Datasheet HTML 6Page - Analog Devices AD7755_15 Datasheet HTML 7Page - Analog Devices AD7755_15 Datasheet HTML 8Page - Analog Devices AD7755_15 Datasheet HTML 9Page - Analog Devices AD7755_15 Datasheet HTML 10Page - Analog Devices AD7755_15 Datasheet HTML 11Page - Analog Devices AD7755_15 Datasheet HTML 12Page - Analog Devices AD7755_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD7755
–9–
FREQUENCY – Hz
–15
2
0
4
6
8
10
12
14
16
–9
–33
9
15
GAIN = 1
TEMPERATURE = +25 C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –9.78871
MAXIMUM: 7.2939
MEAN: –1.73203
STD. DEV: 3.61157
Figure 14. Channel 1 Offset Distribution (Gain = 1)
FREQUENCY – Hz
–15
2
0
4
6
8
12
14
16
18
–9
–33
9
15
GAIN = 2
TEMPERATURE = +25 C
DISTRIBUTION
CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –5.61779
MAXIMUM: 6.40821
MEAN: –0.01746
STD. DEV: 2.35129
10
Figure 15. Channel 1 Offset Distribution (Gain = 2)
Amps
0.01
100
0.1
110
0.4
0.3
–0.6
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
5V
4.75V
5.25V
0.5
Figure 16. PSR with Internal Reference (Gain = 16)
FREQUENCY – Hz
–15
5
0
10
15
20
25
30
–9
–33
9
15
GAIN = 8
TEMPERATURE = +25 C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –2.48959
MAXIMUM: 5.81126
MEAN: –1.26847
STD. DEV: 1.57404
Figure 17. Channel 1 Offset Distribution (Gain = 8)
FREQUENCY – Hz
–15
10
0
15
20
25
30
35
–9
–33
9
15
GAIN = 16
TEMPERATURE = +25 C
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 101
MINIMUM: –1.96823
MAXIMUM: 5.71177
MEAN: –1.48279
STD. DEV: 1.47802
5
Figure 18. Channel 1 Offset Distribution (Gain = 16)
Amps
0.01
100
0.1
110
0.4
0.3
–0.6
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5
4.75V
5.25V
5V
Figure 19. PSR with External Reference (Gain = 16)
OBSOLETE


Número de pieza similar - AD7755_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7755AAN AD-AD7755AAN Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AAN-REF AD-AD7755AAN-REF Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AARS AD-AD7755AARS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755ABRS AD-AD7755ABRS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results

Descripción similar - AD7755_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com