Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF2050C Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza STF2050C
Descripción Electrónicos  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF2050C Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF2050C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2050C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2050C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF2050C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1496, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
STF2050C
Marking Diagram:
Where XXXXX is YYWWL
S
= Device Type
T
= Ultralow VF
F
= Package type
20
= Forward Current (20A)
50
= Reverse Voltage (50V)
C
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL: 94V-0
Ordering Information:
Device
Package
Shipping
STF2050C
ITO-220AB
(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
50
V
Average Forward Current
IF(AV)
50% duty cycle @TC = 80 °C
rectangular wave form
20
A
Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
150
A


Número de pieza similar - STF2050C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22TC SEMTECH-STF201-22TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Descripción similar - STF2050C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com