Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM205 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM205
Descripción Electrónicos  CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM205 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM205_15 Datasheet HTML 4Page - Analog Devices ADM205_15 Datasheet HTML 5Page - Analog Devices ADM205_15 Datasheet HTML 6Page - Analog Devices ADM205_15 Datasheet HTML 7Page - Analog Devices ADM205_15 Datasheet HTML 8Page - Analog Devices ADM205_15 Datasheet HTML 9Page - Analog Devices ADM205_15 Datasheet HTML 10Page - Analog Devices ADM205_15 Datasheet HTML 11Page - Analog Devices ADM205_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–10–
Transmitter (Driver) Section
The drivers convert TTL/CMOS input levels into EIA-232-E
output levels. With VCC = +5 V and driving a typical EIA-232-E
load, the output voltage swing is
±9 V. Even under worst case
conditions the drivers are guaranteed to meet the
±5 V EIA-232-E
minimum requirement.
The input threshold levels are both TTL and CMOS compat-
ible with the switching threshold set at VCC/4. With a nominal
VCC = 5 V the switching threshold is 1.25 V typical. Unused in-
puts may be left unconnected, as an internal 400 k
Ω pull-up re-
sistor pulls them high forcing the outputs into a low state.
As required by the EIA-232-E standard, the slew rate is limited
to less than 30 V/
µs without the need for an external slew limit-
ing capacitor and the output impedance in the power-off state is
greater than 300
Ω.
Receiver Section
The receivers are inverting level shifters which accept EIA-232-E
input levels (
±5 V to ±15 V) and translate them into 5 V TTL/
CMOS levels. The inputs have internal 5 k
Ω pull-down resistors
to ground and are also protected against overvoltages of up to
±30 V. The guaranteed switching thresholds are 0.8 V mini-
mum and 2.4 V maximum which are well within the
±3 V
EIA-232-E requirement. The low level threshold is deliberately
positive as it ensures that an unconnected input will be inter-
preted as a low level.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.5 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
Shutdown (SD)
The ADM205, ADM206, ADM211 and ADM213 feature a
control input which may be used to disable the part and reduce
the power consumption to less than 5
µW. This is very useful in
battery operated systems. During shutdown the charge pump is
turned off, the transmitters are disabled and all receivers except
R4 and R5 on the ADM213 are put into a high-impedance dis-
abled state. Receivers R4 and R5 on the ADM213 remain en-
abled during shutdown. This feature allows monitoring external
activity such as ring indicator monitoring while the device is in a
low power shutdown mode. The shutdown control input is ac-
tive high on all parts except the ADM213 where it is active low.
Refer to Tables II and III.
Enable Input
The ADM205, ADM209, ADM211, and ADM213 feature an
enable input used to enable or disable the receiver outputs. The
enable input is active low on the ADM205, ADM209, ADM211
and active-high on the ADM213. Refer to Tables II and III.
When disabled, all receiver outputs are placed in a high imped-
ance state. This function allows the outputs to be connected di-
rectly to a microprocessor data bus. It can also be used to allow
receivers from different devices to share a common data line.
The timing diagram for the enable function is shown in Figure
25.
T
EN
T
DIS
3V
0V
R
OUT
3.5V
0.8V
V
OH – 0.1V
V
VOL + 0.1V
EN
*
* POLARITY OF EN IS REVERSED FOR ADM213
Figure 25. Enable Timing
APPLICATION HINTS
Driving Long Cables
In accordance with the EIA-232-E standard, long cables are
permissible provided that the total load capacitance does not ex-
ceed 2500 pF. For longer cables which do exceed this, then it is
possible to trade off baud rate vs. cable length. Large load ca-
pacitances cause a reduction in slew rate, and hence the maximum
transmission baud rate is decreased. The ADM205–ADM211 and
ADM213 are designed so that the slew rate reduction with in-
creasing load capacitance is minimized.
For the receivers, it is important that a high level of noise immu-
nity be inbuilt so that slow rise and fall times do not cause mul-
tiple output transitions as the signal passes slowly through the
transition region. The ADM205–ADM211 and ADM213 have
0.5 V of hysteresis to guard against this. This ensures that, even
in noisy environments, error-free reception can be achieved.
High Baud Rate Operation
The ADM205–ADM211 and ADM213 feature high slew rates
permitting data transmission at rates well in excess of the
EIA-232-E specification. The drivers maintain
±5 V signal
levels at data rates up to 120-kB/s under worst-case loading
conditions.
OBSOLETE


Número de pieza similar - ADM205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM205AN AD-ADM205AN Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
More results

Descripción similar - ADM205_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM242 AD-ADM242_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com