Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD1600N10ALZD Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDD1600N10ALZD
Descripción Electrónicos  BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD1600N10ALZD Datasheet HTML 1Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
FDD1600N10ALZD Rev. C2
www.fairchildsemi.com
5
Typical Performance Characteristics - MOSFET (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
0.4
0.8
1.2
1.6
2.0
2.4
*Notes:
1. VGS = 10V
2. ID = 3.4A
TJ, Junction Temperature [
oC]
-80
-40
0
40
80
120
160
0.90
0.95
1.00
1.05
1.10
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
VGS = 5V
R
θJC = 8.4
oC/W
VGS = 10V
TC, Case Temperature [
oC]
1
10
100
200
0.01
0.1
1
10
30
SINGLE PULSE
TC = 25
oC
TJ = 150
oC
R
θJC = 8.4
oC/W
100ms
100us
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
DC
0.001
0.01
0.1
1
1
2
3
4
5
6
7
8
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
0
2040
6080
100
0
0.05
0.10
0.15
0.20
0.25
V
DS, Drain to Source Voltage [V]


Número de pieza similar - FDD1600N10ALZD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
   Consumer Appliances
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
More results

Descripción similar - FDD1600N10ALZD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com