Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD565A Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD565A
Descripción Electrónicos  High Speed 12-Bit Monolithic D/A Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD565A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD565A_15 Datasheet HTML 4Page - Analog Devices AD565A_15 Datasheet HTML 5Page - Analog Devices AD565A_15 Datasheet HTML 6Page - Analog Devices AD565A_15 Datasheet HTML 7Page - Analog Devices AD565A_15 Datasheet HTML 8Page - Analog Devices AD565A_15 Datasheet HTML 9Page - Analog Devices AD565A_15 Datasheet HTML 10Page - Analog Devices AD565A_15 Datasheet HTML 11Page - Analog Devices AD565A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD565A/AD566A
REV. E
–9–
CONNECTING THE AD566A FOR BUFFERED VOLTAGE
OUTPUT
The standard current-to-voltage conversion connections using an
operational amplifier are shown in Figures 4, 5, and 6 with the
preferred trimming techniques. If a low offset operational amplifier
(OP77, AD741L, OP07) is used, excellent performance can be
obtained in many situations without trimming (an op amp with
less than 0.5 mV max offset voltage should be used to keep offset
errors below 1/2 LSB). If a 50
Ω fixed resistor is substituted for the
100
Ω trimmer, unipolar zero typically is within ±1/2 LSB (plus op
amp offset), and full-scale accuracy is within 0.1% (0.25% max).
Substituting a 50
Ω resistor for the 100 Ω bipolar offset trimmer
gives a bipolar zero error typically within
±2 LSB (0.05%).
The AD509 is recommended for buffered voltage-output
applications that require a settling time to
±1/2 LSB of 1 µs. The
feedback capacitor is shown with the optimum value for each
application; this capacitor is required to compensate for the
25 pF DAC output capacitance.
FIGURE 4. UNIPOLAR CONFIGURATION
This configuration provides a unipolar 0 V to 10 V output range.
In this mode, the bipolar terminal, Pin 7, should be grounded if not
used for trimming.
100k
+15V
–15V
R1
50k
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
100
10pF
AD509
2.4k
100
10V EREF
AD561
+V
REF
IN
Figure 4. 0 V to 10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer, R1, until the output
reads 0.000 V (1 LSB = 2.44 mV). In most cases, this trim is
not needed, but Pin 7 should then be connected to Pin 12.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust 100
Ω gain trimmer, R2, until the
output is 9.9976 V. (Full scale is adjusted to 1 LSB less than
nominal full scale of 10.000 V.) If a 10.2375 V full scale is desired
(exactly 2.5 mV/bit), insert a 120
Ω resistor in series with the
gain resistor at Pin 10 to the op amp output.
FIGURE 5. BIPOLAR CONFIGURATION
This configuration provides a bipolar output voltage from
–5.000 V to +4.9976 V, with positive full scale occurring with
all bits ON (all 1s).
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
100
10pF
AD509
2.4k
10V EREF
AD561
+V
REF
IN
R1
100
Figure 5.
±5 V Bipolar Voltage Output
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust 100
Ω trimmer R1 to give –5.000
output V.
STEP II . . . GAIN ADJUST
Turn ON all bits. Adjust 100
Ω gain trimmer R2 to give a read-
ing of +4.9976 V.
Please note that it is not necessary to trim the op amp to obtain
full accuracy at room temperature. In most bipolar situations,
an op amp trim is unnecessary unless the untrimmed offset drift
of the op amp is excessive.


Número de pieza similar - AD565A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
More results

Descripción similar - AD565A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
   High Speed 12-Bit Monolithic D/A Converters
logo
Analog Devices
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
   High Speed 12-Bit Monolithic D/A Converters
REV. E
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
AD565A AD-AD565A Datasheet
152Kb / 11P
   High Speed 12-Bit Monolithic D/A Converters
REV. D
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
   High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
   High-speed, 12-bit A/D Converters
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com