Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD568 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD568
Descripción Electrónicos  12-Bit Ultrahigh Speed Monolithic D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD568_15 Datasheet HTML 2Page - Analog Devices AD568_15 Datasheet HTML 3Page - Analog Devices AD568_15 Datasheet HTML 4Page - Analog Devices AD568_15 Datasheet HTML 5Page - Analog Devices AD568_15 Datasheet HTML 6Page - Analog Devices AD568_15 Datasheet HTML 7Page - Analog Devices AD568_15 Datasheet HTML 8Page - Analog Devices AD568_15 Datasheet HTML 9Page - Analog Devices AD568_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD568
REV. A
–6–
sation capacitor across the 1 k
Ω feedback resistor produces opti-
mal settling. Lower noise gain can be achieved by connecting RL
to IOUT, increasing the DAC output impedance to approximately
200
Ω, and reducing the noise gain to 6 (illustrated in Figure 9).
While the output in this configuration will feature improved
noise performance, it is somewhat less stable and may suffer
from ringing. The compensation capacitance should be in-
creased to 7 pF to maintain stability at this reduced gain.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
+5V
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
5pF
–VS
+VS
100
RTH
1k
AD840
AMPLIFIER NOISE GAIN: 11
Figure 8. Unipolar Output Buffered 0 to –10.24V
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
+5V
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
7pF
–VS
+VS
200
RTH
1k
AD840
AMPLIFIER NOISE GAIN: 6
Figure 9. Bipolar Output Buffered
±5.12 V
Bipolar Inverting Configuration
Figure 9 illustrates the implementation of a +5.12 V to –5.12 V
bipolar range, achieved by connecting the bipolar offset current,
IBPO, to the summing junction of the external amplifier. Note
that since the amplifier is providing an inversion, the full-scale
output voltage is –5.12 V, while the bipolar offset voltage (all
bits OFF) is +5.12 V at the amplifier output.
Noninverting Configuration
If a positive full-scale output voltage is required, it can be imple-
mented using the AD568 in the unbuffered voltage output mode
followed by the AD840 in a noninverting configuration (Figure
10). The noise gain of this topology is 10, requiring only 5 pF
across the feedback resistor to optimize settling.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND
PLANE
DIGITAL
SUPPLY
GROUND
100pF
+5V
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
5pF
–VS
+VS
111
RTH
1k
AD840
AMPLIFIER NOISE GAIN: 10
DIGITAL GND PLANE
Figure 10. Unipolar Output Buffered 0 V to +10.24 V
Guidelines for Using the AD568
The designer who seeks to combine high speed with high preci-
sion faces a challenging design environment. Where tens of
milliamperes are involved, fractions of an ohm of misplaced
impedance can generate several LSBs of error. Increasing
bandwidths make formerly negligible parasitic capacitances and
inductances significant. As system performance reaches and ex-
ceeds that of the measurement equipment, time-honored test
methods may no longer be trustworthy. The DAC’s placement
on the boundary between the analog and digital domains intro-
duces additional concerns. Proper RF techniques must be used
in board design, device selection, supply bypassing, grounding,
and measurement if optimal performance is to be realized. The
AD568 has been configured to be relatively easy to use, even in
some of the more treacherous applications. The device charac-
teristics shown in this data sheet are readily achievable if proper
attention is paid to the details. Since a solid understanding of
the circuit involved is one of the designer’s best weapons against
the difficulties of RF design, the following sections provide illus-
trations, explanations, examples, and suggestions to facilitate
successful design with the AD568.
Current Output vs. Voltage Output
As indicated in Figures 3 through 10, the AD568 has been
designed to operate in several different modes depending on the
external circuit configuration. While these modes may be
categorized by many different schemes, one of the most impor-
tant distinctions to be made is whether the DAC is to be used to
generate an output voltage or an output current. In the current
output mode, the DAC output (Pin 20) is tied to some type of
summing junction, and the current flowing from the DAC into
this summing junction is sensed (e.g., Figures 8 and 9). In this


Número de pieza similar - AD568_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
More results

Descripción similar - AD568_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
AD9768 AD-AD9768 Datasheet
103Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com