Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD589 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD589
Descripción Electrónicos  2-Terminal IC 1.2 V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD589 Datasheet(HTML) 1 Page - Analog Devices

  AD589_15 Datasheet HTML 1Page - Analog Devices AD589_15 Datasheet HTML 2Page - Analog Devices AD589_15 Datasheet HTML 3Page - Analog Devices AD589_15 Datasheet HTML 4Page - Analog Devices AD589_15 Datasheet HTML 5Page - Analog Devices AD589_15 Datasheet HTML 6Page - Analog Devices AD589_15 Datasheet HTML 7Page - Analog Devices AD589_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD589
2-Terminal IC
1.2 V Reference
FEATURES
Superior Replacement for Other 1.2 V References
Wide Operating Range: 50 A to 5 mA
Low Power: 60 W Total PD at 50 A
Low Temperature Coefficient:
10 ppm/C Max, 0C to 70C (AD589M)
2-Terminal Zener Operation
Low Output Impedance: 0.6 
No Frequency Compensation Required
Low Cost
MIL-STD-883 Compliant Versions Available
FUNCTIONAL BLOCK DIAGRAMS
PRODUCT DESCRIPTION
The AD589 is a 2-terminal, low cost, temperature compensated
band gap voltage reference that provides a fixed 1.23 V output
voltage for input currents between 50 A and 5.0 mA.
The high stability of the AD589 is primarily dependent upon
the matching and thermal tracking of the on-chip components.
Analog Devices’ precision bipolar processing and thin-film tech-
nology combine to provide excellent performance at low cost.
Additionally, the active circuit produces an output impedance 10
lower than the typical low-TC Zener diodes. This feature allows
operation with no external components required to maintain full
accuracy under changing load conditions.
The AD589 is available in seven versions. The AD589J, AD589K,
AD589L, and AD589M grades are specified for 0°C to +70°C
operation, while the AD589S and AD589T grades are rated for
the full –55°C to +125°C temperature range. All grades are avail-
able in a metal can (H-02) package. The AD589J is also available
in an 8-lead SOIC package.
PRODUCT HIGHLIGHTS
1. The AD589 is a 2-terminal device that delivers a constant
reference voltage for a wide range of input current.
2. Output impedance of 0.6  and temperature coefficients as
low as 10 ppm/°C ensure stable output voltage over a wide
range of operating conditions.
3. The AD589 can be operated as a positive or negative refer-
ence. Floating operation is also possible.
4. The AD589 will operate with a total current as low as 50 A
(60 W total power dissipation), ideal for battery-powered
instrument applications.
5. The AD589 is an exact replacement for other 1.2 V references,
offering superior temperature performance and reduced sensi-
tivity to capacitive loading.
6. The AD589 is available in versions compliant with MIL-
STD-883. Consult factory for 883 data sheet.
SOIC (R-8)
AD589
TOP VIEW
(Not to Scale)
1
2
3
–V 4
+V
8
7
6
5
Metal Can (H-02)
��
��
������ ����
REV. C


Número de pieza similar - AD589_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD589JCHIPS AD-AD589JCHIPS Datasheet
275Kb / 8P
   2-Terminal IC 1.2 V Reference
REV. C
AD589JH AD-AD589JH Datasheet
97Kb / 4P
   Two-Terminal IC 1.2 V Reference
REV. B
AD589JH AD-AD589JH Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
AD589JH AD-AD589JH Datasheet
275Kb / 8P
   2-Terminal IC 1.2 V Reference
REV. C
AD589JH AD-AD589JH Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
More results

Descripción similar - AD589_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD589JRZ AD-AD589JRZ Datasheet
275Kb / 8P
   2-Terminal IC 1.2 V Reference
REV. C
AD589 AD-AD589 Datasheet
97Kb / 4P
   Two-Terminal IC 1.2 V Reference
REV. B
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR280 AD-ADR280 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280 AD-ADR280_15 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280 AD-ADR280_07 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com