Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD0919N08054T Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza BD0919N08054T
Descripción Electrónicos  Surface mount dual ceramic balun with a small size of 2.00 x 1.20 x 0.90 mm (0805 size).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BD0919N08054T Datasheet(HTML) 2 Page - Frontier Electronics.

  BD0919N08054T Datasheet HTML 1Page - Frontier Electronics. BD0919N08054T Datasheet HTML 2Page - Frontier Electronics. BD0919N08054T Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD0919N08054T BALUN SPECIFICATION
Rev A
PHYSICAL DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.10
W
1.25 ± 0.10
T
0.90 ± 0.10
A
0.125 ± 0.10
B
0.25 ± 0.10
C
0.25 ± 0.10
D
0.50 ± 0.10
E
0.475 ± 0.10
F
0.30 ± 0.10
G
0.20 ± 0.10
H
0.20 ± 0.10
PCB DESIGN/LAYOUT CONSIDERATION
Unit : mm
Trace impedance must be 50
Ω. The trace width is a dependent of PCB material and its thickness.
Frontier Electronics Corp.
®
Page: 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Número de pieza similar - BD0919N08054T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
BD09 ITT-BD09 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD09 CK-COMPONENTS-BD09 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD09 CK-COMPONENTS-BD09 Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD09 CK-COMPONENTS-BD09 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
Yantel Corporation
BD0900U510-1301 YANTEL-BD0900U510-1301 Datasheet
411Kb / 3P
   Ultra Low Profile 1301 Balun 50廓 to 100廓 Balanced
More results

Descripción similar - BD0919N08054T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
BL5200K08052T FRONTIER-BL5200K08052T Datasheet
210Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08051T FRONTIER-BL2450K08051T Datasheet
143Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08052T FRONTIER-BL2450K08052T Datasheet
302Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08054T FRONTIER-BL2450K08054T Datasheet
152Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
BL5200K08051T FRONTIER-BL5200K08051T Datasheet
161Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
BL2450K06031T FRONTIER-BL2450K06031T Datasheet
170Kb / 2P
   Surface mount ceramic balun with a small size of 1.6 x 0.8 x 0.5 mm (0603 size).
BF2450E0805RT FRONTIER-BF2450E0805RT Datasheet
200Kb / 2P
   Surface mount balun filter with a small size of 2.0 X 1.2 X 1.1 mm, RoHS compliant.
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com