Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD724 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD724
Descripción Electrónicos  RGB to NTSC/PAL Encoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD724 Datasheet(HTML) 2 Page - Analog Devices

  AD724_15 Datasheet HTML 1Page - Analog Devices AD724_15 Datasheet HTML 2Page - Analog Devices AD724_15 Datasheet HTML 3Page - Analog Devices AD724_15 Datasheet HTML 4Page - Analog Devices AD724_15 Datasheet HTML 5Page - Analog Devices AD724_15 Datasheet HTML 6Page - Analog Devices AD724_15 Datasheet HTML 7Page - Analog Devices AD724_15 Datasheet HTML 8Page - Analog Devices AD724_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AD724–SPECIFICATIONS
REV. B
–2–
(Unless otherwise noted, VS = +5, TA = +25 C, using FSC synchronous clock. All loads are
150
5% at the IC pins. Outputs are measured at the 75
reverse terminated load.)
Parameter
Conditions
Min
Typ
Max
Units
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full Scale
714
mV p-p
Black Level
1
0.8
V
Input Resistance
2
RIN, GIN, BIN
1
M
Input Capacitance
5pF
LOGIC INPUTS (HSYNC, VSYNC, FIN, ENCD, STND, SELECT)
CMOS Logic Levels
Logic LO Input Voltage
1V
Logic HI Input Voltage
2V
Logic LO Input Current (DC)
<1
µA
Logic HI Input Current (DC)
<1
µA
VIDEO OUTPUTS
3
Luminance (LUMA)
Roll-Off @ 5 MHz
NTSC
–7
dB
PAL
–6
dB
Gain Error
–15
–3
+15
%
Nonlinearity
±0.3
%
Sync Level
NTSC
243
286
329
mV
PAL
300
mV
DC Black Level
1.3
V
Chrominance (CRMA)
Bandwidth
NTSC
3.6
MHz
PAL
4.4
MHz
Color Burst Amplitude
NTSC
170
249
330
mV p-p
PAL
288
mV
Color Signal to Burst Ratio Error4
±5%
Color Burst Width
NTSC
2.51
µs
PAL
2.28
µs
Phase Error5
±3
Degrees
DC Black Level
2.0
V
Chroma Feedthrough
R, G, B = 0
15
40
mV p-p
Composite (COMP)
Absolute Gain Error
With Respect to Luma
–5
±15
%
Differential Gain
With Respect to Chroma
0.5
%
Differential Phase
With Respect to Chroma
2.0
Degrees
DC Black Level
1.5
V
Chroma/Luma Time Alignment
0ns
POWER SUPPLIES
Recommended Supply Range
Single Supply
+4.75
+5.25
V
Quiescent Current—Encode Mode
6
33
42
mA
Quiescent Current—Power Down
1
mA
NOTES
1R, G, and B signals are inputted via an external ac coupling capacitor.
2Except during dc restore period (back porch clamp).
3All outputs measured at a 75
Ω reverse-terminated load; ac voltages at the IC output pins are twice those specified here.
4Ratio of chroma amplitude to burst amplitude, difference from ideal.
5Difference between ideal color-bar phases and the actual values.
6Driving the logic inputs with VOH < 4 V will increase static supply current approximately 150
µA per input.
Specifications are subject to change without notice.


Número de pieza similar - AD724_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD724-00 ETC2-AD724-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD724-00 RHOPOINT-AD724-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Analog Devices
AD724-EB AD-AD724-EB Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724-EB AD-AD724-EB Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Descripción similar - AD724_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com