Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD815 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD815
Descripción Electrónicos  High Output Current Differential Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD815_15 Datasheet HTML 7Page - Analog Devices AD815_15 Datasheet HTML 8Page - Analog Devices AD815_15 Datasheet HTML 9Page - Analog Devices AD815_15 Datasheet HTML 10Page - Analog Devices AD815_15 Datasheet HTML 11Page - Analog Devices AD815_15 Datasheet HTML 12Page - Analog Devices AD815_15 Datasheet HTML 13Page - Analog Devices AD815_15 Datasheet HTML 14Page - Analog Devices AD815_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD815
REV. C
–11–
DC ERRORS AND NOISE
There are three major noise and offset terms to consider in
a current feedback amplifier. For offset errors refer to the
equation below. For noise error the terms are root-sum-squared
to give a net output error. In the circuit below (Figure 45), they
are input offset (VIO) which appears at the output multiplied by
the noise gain of the circuit (1 + RF/RG), noninverting input
current (IBN
× RN) also multiplied by the noise gain, and the
inverting input current, which when divided between RF and RG
and subsequently multiplied by the noise gain always appear at
the output as IBI
× RF. The input voltage noise of the AD815 is
less than 2 nV/
√Hz. At low gains though, the inverting input
current noise times RF is the dominant noise source. Careful
layout and device matching contribute to better offset and
drift specifications for the AD815 compared to many other
current feedback amplifiers. The typical performance curves
in conjunction with the equations below can be used to predict
the performance of the AD815 in any application.
V
OUT = VIO ×
1
+
R
F
R
G


± I
BN × RN ×
1
+
R
F
R
G


± I
BI × RF
I BI
I BN
RG
RN
RF
VOUT
Figure 45. Output Offset Voltage
POWER CONSIDERATIONS
The 500 mA drive capability of the AD815 enables it to drive
a 50
Ω load at 40 V p-p when it is configured as a differential
driver. This implies a power dissipation, PIN, of nearly 5 watts.
To ensure reliability, the junction temperature of the AD815
should be maintained at less than 175
°C. For this reason, the
AD815 will require some form of heat sinking in most appli-
cations. The thermal diagram of Figure 46 gives the basic
relationship between junction temperature (TJ) and various
components of
θJA.
TT
P
AIN
A
JJ
=+
θ
Equation 1
θA (JUNCTION TO
DIE MOUNT)
θ
B (DIE MOUNT
TO CASE)
θ
A + θ B = θ JC
CASE
TA
TJ
θ
JC
θ
CA
TA
θ
JA
TJ
PIN
WHERE:
PIN = DEVICE DISSIPATION
TA = AMBIENT TEMPERATURE
TJ = JUNCTION TEMPERATURE
θ JC = THERMAL RESISTANCE – JUNCTION TO CASE
θ CA = THERMAL RESISTANCE – CASE TO AMBIENT
Figure 46. A Breakdown of Various Package Thermal
Resistances
Figure 47 gives the relationship between output voltage swing
into various loads and the power dissipated by the AD815 (PIN).
This data is given for both sine wave and square wave (worst
case) conditions. It should be noted that these graphs are for
mostly resistive (phase <
±10°) loads.
4
3
10
20
30
40
2
1
VOUT – Volts p-p
RL = 50
RL = 100
RL = 200
f = 1kHz
SQUARE WAVE
SINE WAVE
Figure 47. Total Power Dissipation vs. Differential Output
Voltage


Número de pieza similar - AD815_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results

Descripción similar - AD815_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com