Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SB25B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
SB25B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 3 page Series SB Low/Medium Capacity Pushbuttons www.nkk.com C130 C SB265 Supplied with Chrome Plated Brass Cap Panel Thickness .291” (7.4mm) 41 (1.0) Typ .039 (5.1) .201 (25.5) 1.004 (10.7) Dia .421 (14.5) .571 (5.3) .209 (10.0) .394 M12 P1 (14.9) .587 (6.7) .264 (2.4) Dia .094 (13.2) .520 Keyway (9.0) .354 (12.5) Dia .492 (3.0) Dia .118 * UL, cULus & CSA recognized only when ordered with marking on switch (see General Specs) Pushbutton Position/Connected Terminals ( ) = Momentary Electrical Capacity (Resistive) Model *Approvals Pole & Throw Normal Down AC 125V AC 250V SB265 SPST ON 1-4 OFF — 6A 3A Throw & Schematic: Note: Terminal numbers are actually on the switch. SINGLE POLE WITH SOLDER LUG * 14 SPST Keyway R C R US Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section. * Wire harness & cable assemblies offered only in Americas. Panel Thickness .193” (4.9mm) SB25 Supplied with AT414 Black Cap (12.5) Dia .492 (11.5) .453 (1.5) .060 Keyway (19.2) .756 (8.0) .315 (14.0) .551 (26.7) 1.051 (4.7) .185 (2.4) Dia .094 (4.8) Typ .189 (13.2) Dia .520 (7.0) .276 (11.0) .433 M12 P1 (5.7) .224 63 52 41 COM (31.2) 1.228 * UL, cULus & CSA recognized only when ordered with marking on switch (see General Specs) Pushbutton Position/Connected Terminals ( ) = Momentary Electrical Capacity (Resistive) Model *Approvals Pole & Throw Normal Down AC 125V AC 250V SB25 DPDT ON 2-3 5-6 ON 2-1 5-4 15A 9A Throw & Schematic: Note: Terminal numbers are actually on the switch. DOUBLE POLE WITH SOLDER LUG * DPDT Keyway 13 4 6 2 5 (COM) R C R US Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section. * Wire harness & cable assemblies offered only in Americas. |
Número de pieza similar - SB25B |
|
Descripción similar - SB25B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |