Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM0805UYC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SM0805UYC
Descripción Electrónicos  SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SM0805UYC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM0805UYC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/10
Page 3 of 5
Bivar reserves the right to make changes at any time without notice.
Typical Electrical / Optical Characteristics
TA = 25°C unless otherwise noted
SURFACE MOUNT LED
YELLOW, 0805 PACKAGE


Número de pieza similar - SM0805UYC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bivar, Inc.
SM0805UYC BIVAR-SM0805UYC Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision B 04/10
More results

Descripción similar - SM0805UYC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bivar, Inc.
SM0805YC BIVAR-SM0805YC Datasheet
1Mb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision D 10/22
SM0805UYC BIVAR-SM0805UYC Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision B 04/10
SM0805YCL BIVAR-SM0805YCL Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE, 2mA
Revision B 04/10
logo
P-tec Corporation
PL0012-WDY01 P-TEC-PL0012-WDY01 Datasheet
30Kb / 1P
   SMD LED Yellow 0805 Package
logo
Bivar, Inc.
SM0805RC BIVAR-SM0805RC Datasheet
641Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UGC BIVAR-SM0805UGC Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 08/22
SM0805URC BIVAR-SM0805URC Datasheet
640Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
   SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
SM0805BWC BIVAR-SM0805BWC Datasheet
639Kb / 5P
   SURFACE MOUNT LED BLUE, 0805 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com