Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1881A Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD1881A
Descripción Electrónicos  AC 97 SoundMAX Codec
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1881A Datasheet(HTML) 2 Page - Analog Devices

  AD1881A_15 Datasheet HTML 1Page - Analog Devices AD1881A_15 Datasheet HTML 2Page - Analog Devices AD1881A_15 Datasheet HTML 3Page - Analog Devices AD1881A_15 Datasheet HTML 4Page - Analog Devices AD1881A_15 Datasheet HTML 5Page - Analog Devices AD1881A_15 Datasheet HTML 6Page - Analog Devices AD1881A_15 Datasheet HTML 7Page - Analog Devices AD1881A_15 Datasheet HTML 8Page - Analog Devices AD1881A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
–2–
REV. 0
AD1881A–SPECIFICATIONS
ANALOG INPUT
Parameter
Min
Typ
Max
Unit
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, AUX, CD, VIDEO, PHONE_IN, PC_BEEP
1
V rms
2.83
V p-p
MIC with +20 dB Gain (M20 = 1)
0.1
V rms
0.283
V p-p
MIC with 0 dB Gain (M20 = 0)
1
V rms
2.83
V p-p
Input Impedance
*
20
k
Input Capacitance
*
5
7.5
pF
MASTER VOLUME
Parameter
Min
Typ
Max
Unit
Step Size (0 dB to –94.5 dB); LINE_OUT_L, LINE_OUT_R
1.5
dB
Output Attenuation Range Span
*
–94.5
dB
Step Size (0 dB to –46.5 dB); MONO_OUT
1.5
dB
Output Attenuation Range Span
*
–46.5
dB
Mute Attenuation of 0 dB Fundamental
*
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Unit
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range Span
22.5
dB
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Parameter
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
Other to LINE_OUT
90
dB
Step Size (+12 dB to –34.5 dB): (All Steps Tested)
MIC, LINE_IN, AUX, CD, VIDEO, PHONE_IN, DAC
1.5
dB
Input Gain/Attenuation Range: MIC, LINE, AUX, CD, VIDEO, PHONE_IN, DAC
–46.5
dB
Step Size (0 dB to –45 dB): (All Steps Tested) PC_BEEP
3.0
dB
Input Gain/Attenuation Range: PC_BEEP
–45
dB
*Guaranteed, not tested.
Specifications subject to change without notice.
Temperature
25
°C
Digital Supply (VDD)
3.3
V
Analog Supply (VCC)
5.0
V
Sample Rate (FS)
48
kHz
Input Signal
1008
Hz
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
DAC Test Conditions
Calibrated
–3 dB Attenuation Relative to Full-Scale
Input 0 dB
10 k
Ω Output Load
ADC Test Conditions
Calibrated
0 dB Gain
Input –3.0 dB Relative to Full-Scale


Número de pieza similar - AD1881A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1881AJST AD-AD1881AJST Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
More results

Descripción similar - AD1881A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com