Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1940 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD1940
Descripción Electrónicos  SigmaDSP Multichannel 28-Bit Audio Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1940 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1940_15 Datasheet HTML 6Page - Analog Devices AD1940_15 Datasheet HTML 7Page - Analog Devices AD1940_15 Datasheet HTML 8Page - Analog Devices AD1940_15 Datasheet HTML 9Page - Analog Devices AD1940_15 Datasheet HTML 10Page - Analog Devices AD1940_15 Datasheet HTML 11Page - Analog Devices AD1940_15 Datasheet HTML 12Page - Analog Devices AD1940_15 Datasheet HTML 13Page - Analog Devices AD1940_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD1940/AD1941
Rev. B | Page 10 of
36
Pin No.
AD1940
AD1941
I/O
Mnemonic
Description
22
IN
CDATA
Data Input for SPI.
19
IN/OUT
SDA
I2C Serial Data I/O.
20
IN
SCL
I2C Clock.
23
23
IN
RESETB
Reset the AD1940/AD1941.
26
26
IN/OUT
LRCLK_OUT0
Left/Right Clock Output 0.
27
27
IN/OUT
BCLK_OUT0
Bit Clock Output 0.
28, 33, 40
28, 33, 40
ODVDD
Power Connection for Output Pins.
29
29
OUT
SDATA_OUT0/TDM_O0
Serial Data Output 0/TDM (16- or 8-Channel) Output 0.
30
30
OUT
SDATA_OUT1
Serial Data Output 1.
31
31
OUT
SDATA_OUT2
Serial Data Output 2.
32
32
OUT
SDATA_OUT3
Serial Data Output 3.
34
34
IN/OUT
LRCLK_OUT1
Left/Right Clock Output 1.
35
35
IN/OUT
BCLK_OUT1
Bit Clock Output 1.
38
38
OUT
SDATA_OUT4/TDM_O1
Serial Data Output 4./TDM (8-Channel) Output 1.
39
39
OUT
SDATA_OUT5
Serial Data Output 5.
41
41
OUT
SDATA_OUT6
Serial Data Output 6.
42
42
OUT
SDATA_OUT7/DCSOUT
Serial Data Output 7/Data Capture Output.
43
43
INVDD
Input Voltage Reference.
44
44
IN
VSUPPLY
Voltage Level Input to Regulator. Usually 3.3 V or 5 V.
45
45
IN
VSENSE
Digital Power Level. Should be tied to VDD.
46
46
OUT
VDRIVE
Drive for External PNP Transistor.
47
47
OUT
VREF
Reference Level for Voltage Regulator.


Número de pieza similar - AD1940_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1940YST AD-AD1940YST Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTRL AD-AD1940YSTRL Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTZ1 AD-AD1940YSTZ1 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTZRL AD-AD1940YSTZRL Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
More results

Descripción similar - AD1940_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1940 AD-AD1940 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1941 AD-AD1941 Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
   SigmaDSP Digital Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com