Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1986 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD1986
Descripción Electrónicos  AC 97 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1986 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1986_15 Datasheet HTML 7Page - Analog Devices AD1986_15 Datasheet HTML 8Page - Analog Devices AD1986_15 Datasheet HTML 9Page - Analog Devices AD1986_15 Datasheet HTML 10Page - Analog Devices AD1986_15 Datasheet HTML 11Page - Analog Devices AD1986_15 Datasheet HTML 12Page - Analog Devices AD1986_15 Datasheet HTML 13Page - Analog Devices AD1986_15 Datasheet HTML 14Page - Analog Devices AD1986_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD1986
Rev. 0 | Page 11 of 52
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
tRISECLK
tFALLCLK
tRISESYNC
tFALLSYNC
tRISEDIN
tFALLDIN
tRISEDOUT
tFALLDOUT
Figure 7. Signal Rise and Fall Tim
ble 19.
mbol
Min
Typ
it
es
Ta
Sy
Parameter
Max
Un
tRISECLK
4
6
BIT_CLK Rise Time
2
nS
tFALLCLK
2
4
BIT_CLK Fall Time
6
nS
tRISESYNC
SYNC Rise Time
2
4
6
nS
tRISESYNC
SYNC Fall Time
2
4
6
nS
tRISEDIN
SDATA_IN Rise Time
2
4
6
nS
tRISEDIN
SDATA_IN Fall Time
2
4
6
nS
tRISEDOUT
SDATA_OUT Rise Time
2
4
6
nS
tRISEDOUT
SDATA_OUT Fall Time
2
4
6
nS
BIT_CLK
SDATA_OUT
SDATA_IN
SYNC
tCO
tSETUP
VIH
VIL
VOH
VOL
tHOLD
Figure 8. Link Low Power Mode Timing (Detail)
Table 20.
Symbol
Parameter
Min
Typ
Max
Unit
tCO
Propagation Delay
25
nS
tSETUP
Setup to Falling Edge of BIT_CLK
4
nS
tHOLD
Hold from Falling Edge of BIT_CLK
3
nS
VIH
Digital Signal High Level Input Voltage
0.65 DVDD
V
VIL
Digital Signal Low Level Input Voltage
0.35 DVDD
V
VOH
Digital Signal High Level Output Voltage
0.9 DVDD
V
VOL
Digital Signal Low Level Output Voltage
0.1 DVDD
V


Número de pieza similar - AD1986_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1986_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com