Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5233 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD5233
Descripción Electrónicos  Nonvolatile Memory, Quad 64-Position Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5233_15 Datasheet HTML 4Page - Analog Devices AD5233_15 Datasheet HTML 5Page - Analog Devices AD5233_15 Datasheet HTML 6Page - Analog Devices AD5233_15 Datasheet HTML 7Page - Analog Devices AD5233_15 Datasheet HTML 8Page - Analog Devices AD5233_15 Datasheet HTML 9Page - Analog Devices AD5233_15 Datasheet HTML 10Page - Analog Devices AD5233_15 Datasheet HTML 11Page - Analog Devices AD5233_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5233
Rev. B | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
CLK
SDI
SDO
VSS
GND
A1
RDY
VDD
A4
W4
O1
W1
O2
B4
B1
A3
A2
W3
W2
B3
B2
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD5233
TOP VIEW
(Not to Scale)
CS
PR
WP
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
O1
Nonvolatile Digital Output 1. Address (O1) = 0x4, the data bit position is D0; defaults to Logic 1 initially.
2
CLK
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges.
3
SDI
Serial Data Input Pin. Shifts in one bit at a time on positive CLK edges. MSB loaded first.
4
SDO
Serial Data Output Pin. Serves readback and daisy-chain functions.
Command 9 and Command 10 activate the SDO output for the readback function, delayed by 16 or 17 clock
pulses, depending on the clock polarity before and after the data-word (see Figure 2, Figure 3, and Table 7).
In other commands, the SDO shifts out the previously loaded SDI bit pattern, delayed by 16 or 17 clock pulses,
depending on the clock polarity (see Figure 2 and Figure 3). This previously shifted-out SDI can be used for daisy-
chaining multiple devices.
Whenever SDO is used, a pull-up resistor in the range of 1 kΩ to 10 kΩ is needed.
5
GND
Ground Pin, Logic Ground Reference.
6
VSS
Negative Supply. Connect to 0 V for single-supply applications. If VSS is used in dual supply, it must be able to sink
40 mA for 25 ms when storing data to EEMEM.
7
A1
Terminal A of RDAC1.
8
W1
Wiper Terminal of RDAC1, Address (RDAC1) = 0x0.
9
B1
Terminal B of RDAC1.
10
A2
Terminal A of RDAC2.
11
W2
Wiper Terminal of RDAC2, Address (RDAC2) = 0x1.
12
B2
Terminal B of RDAC2.
13
B3
Terminal B of RDAC3.
14
W3
Wiper Terminal of RDAC3, Address (RDAC3) = 0x2.
15
A3
Terminal A of RDAC3.
16
B4
Terminal B of RDAC4.
17
W4
Wiper Terminal of RDAC4, Address (RDAC4) = 0x3.
18
A4
Terminal A of RDAC4.
19
VDD
Positive Power Supply Pin.
20
WP
Optional Write Protect Pin. When active low, WP prevents any changes to the present contents, except PR strobe
and Instruction 1 and Instruction 8, and refreshes the RDAC register from EEMEM. Execute a NOP instruction
before returning to WP high. Tie WP to VDD if not used.
21
PR
Optional Hardware Override Preset Pin. Refreshes the scratchpad register with current contents of the EEMEM
register. Factory default loads midscale 0x20 until EEMEM is loaded with a new value by the user. PR is activated at
the Logic 1 transition. Tie PR to VDD if not used.
22
CS
Serial Register Chip Select Active Low. Serial register operation takes place when CS returns to Logic 1.
23
RDY
Ready. Active-high open-drain output. Identifies completion of Software Instruction 2, Software Instruction 3,
Software Instruction 8, Software Instruction 9, Software Instruction 10, and Hardware Instruction PR.
24
O2
Nonvolatile Digital Output 2. Address (O2) = 0x4, the data bit position is D1; defaults to Logic 1 initially.


Número de pieza similar - AD5233_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5233BRU10 AD-AD5233BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU10-REEL7 AD-AD5233BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100 AD-AD5233BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100-REEL7 AD-AD5233BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU50 AD-AD5233BRU50 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Descripción similar - AD5233_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com