Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM-3W103 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SM-3W103
Descripción Electrónicos  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SM-3W103 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM-3W103 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM-3W103 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM-3W103 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM-3W103 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM-3W103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.3
2.8
0.9
1.3
2.8
0
0
0.9
1.3
2.8
0
0.9
1.3
2.8
0
0.9
SM-3/31
SURFACE MOUNT TRIMMERS
MAXIMUM INPUT RATINGS
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
50
500
2.50
50.0
100
101
3.53
35.4
200
201
5.00
25.0
500
501
7.91
15.8
1 k
102
11.2
11.2
2 k
202
15.8
7.91
5 k
502
25.0
5.00
10 k
103
35.4
3.54
20 k
203
50.0
2.50
50 k
503
79.1
1.58
100 k
104
112
1.12
200 k
204
158
0.79
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
(Unit : mm)
● SM-3W/31W
● SM-3A/31A
● SM-3B/31B
Note) The zero point is the center of mounting.
Also available to place as the above.
● SM-3W/31W
Top adjustment
1
2
3
2.3
3.2
3.9
0.4W
× 1.3L × 0.3D
0.8
0.8
4.2
3.5
Resistance code & Production date code
CW rotation
1
2
3
Note the terminal position.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
Specifications are subject to change without notice.


Número de pieza similar - SM-3W103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SM-3 RIEDON-SM-3 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
logo
Micronetics, Inc.
SM-3 MICRONETICS-SM-3 Datasheet
241Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 100 MHZ
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Riedon Powertron
SM-3 RIEDON-SM-3 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
logo
FOTEK CONTROLS CO., LTD...
SM-30 FOTEK-SM-30 Datasheet
2Mb / 4P
   DIN 24x48/72x72/96x48 Tachometer & Line speed meter
More results

Descripción similar - SM-3W103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-43TW103 COPAL-SM-43TW103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42 COPAL-SM-42 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com