Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5301 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD5301
Descripción Electrónicos  2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5301_15 Datasheet HTML 3Page - Analog Devices AD5301_15 Datasheet HTML 4Page - Analog Devices AD5301_15 Datasheet HTML 5Page - Analog Devices AD5301_15 Datasheet HTML 6Page - Analog Devices AD5301_15 Datasheet HTML 7Page - Analog Devices AD5301_15 Datasheet HTML 8Page - Analog Devices AD5301_15 Datasheet HTML 9Page - Analog Devices AD5301_15 Datasheet HTML 10Page - Analog Devices AD5301_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0
PD
VOUT
GND
VDD
SCL
SDA
A1
AD5301/
AD5311/
AD5321
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
GND
SDA
SCL
VDD
A0
VOUT
AD5301/
AD5311/
AD5321
1
2
3
6
5
4
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP
(RM-8) Pin Configuration
Figure 4. 6-Lead SOT-23
(RJ-6) Pin Configuration
Table 5. Pin Function Descriptions
MSOP
Pin No.
SOT-23
Pin No.
Mnemonic
Description
1
6
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled
with a 10 μF in parallel with a 0.1 μF capacitor to GND.
2
5
A0
Address Input. Sets the least significant bit of the 7-bit slave address.
3
N/A
A1
Address Input. Sets the second least significant bit of the 7-bit slave address.
4
4
VOUT
Buffered Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.
5
N/A
PD
Active Low Control Input. Acts as a hardware power-down option. This pin overrides any software
power-down option. The DAC output goes three-state and the current consumption of the part
drops to 50 nA @ 3 V (200 nA @ 5 V).
6
3
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 16-bit input shift
register. Clock rates of up to 400 kbps can be accommodated in the I2C-compatible interface. SCL may
be CMOS/TTL driven.
7
2
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into the 16-bit input shift
register during the write cycle and to read back one or two bytes of data (one byte for the AD5301,
two bytes for the AD5311/AD5321) during the read cycle. It is a bidirectional open-drain data line that
should be pulled to the supply with an external pull-up resistor. If not used in readback mode, SDA may
be CMOS/TTL driven.
8
1
GND
Ground Reference Point for All Circuitry on the Part.


Número de pieza similar - AD5301_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Descripción similar - AD5301_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com