Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7429FCT2052ATEB Datasheet(PDF) 7 Page - Integrated Device Technology |
|
7429FCT2052ATEB Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 8 page IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.1 7 TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS PROPAGATION DELAY SET-UP, HOLD AND RELEASE TIMES PULSE WIDTH SWITCH POSITION Pulse Generator R T D.U.T. V CC VIN C L VOUT 50pF 500 Ω 500 Ω 7.0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL tSU tH tREM tSU tH HIGH-LOW-HIGH PULSE LOW-HIGH-LOW PULSE tW 1.5V 1.5V SAME PHASE INPUT TRANSITION 3V 1.5V 0V 1.5V VOH tPLH OUTPUT OPPOSITE PHASE INPUT TRANSITION 3V 1.5V 0V tPLH tPHL tPHL VOL CONTROL INPUT 3V 1.5V 0V 3.5V 0V OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED SWITCH OPEN VOL 0.3V 0.3V tPLZ tPZL tPZH tPHZ 3.5V 0V 1.5V 1.5V ENABLE DISABLE VOH PRESET CLEAR CLOCK ENABLE ETC. Test Switch Disable Low Enable Low Closed All Other Tests Open Open Drain DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. 2629 lnk 12 2629 drw 03 2629 drw 04 2629 drw 05 NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable- HIGH 2. Pulse Generator for All Pulses: Rate ≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns 2629 drw 07 2629 drw 06 |
Número de pieza similar - 7429FCT2052ATEB |
|
Descripción similar - 7429FCT2052ATEB |