Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5315BRM-REEL7 Datasheet(PDF) 1 Page - Analog Devices |
|
AD5315BRM-REEL7 Datasheet(HTML) 1 Page - Analog Devices |
1 / 24 page 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs AD5305/AD5315/AD5325 Rev. G Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES AD5305: 4 buffered 8-bit DACs in 10-lead MSOP A version: ±1 LSB INL, B version: ±0.625 LSB INL AD5315: 4 buffered 10-bit DACs in 10-lead MSOP A version: ±4 LSB INL, B version: ±2.5 LSB INL AD5325: 4 buffered 12-bit DACs in 10-lead MSOP A version: ±16 LSB INL, B version: ±10 LSB INL Low power operation: 500 μA @ 3 V, 600 μA @ 5 V 2-wire (I2C®-compatible) serial interface 2.5 V to 5.5 V power supply Guaranteed monotonic by design over all codes Power-down to 80 nA @ 3 V, 200 nA @ 5 V Three power-down modes Double-buffered input logic Output range: 0 V to VREF Power-on reset to 0 V Simultaneous update of outputs (LDAC function) Software clear facility Data readback facility On-chip rail-to-rail output buffer amplifiers Temperature range: −40°C to +105°C APPLICATIONS Portable battery-powered instruments Digital gain and offset adjustment Programmable voltage and current sources Programmable attenuators Industrial process control GENERAL DESCRIPTION The AD5305/AD5315/AD53251 are quad 8-, 10-, and 12-bit buffered voltage output DACs in a 10-lead MSOP that operate from a single 2.5 V to 5.5 V supply, consuming 500 μA at 3 V. Their on-chip output amplifiers allow rail-to-rail output swing with a slew rate of 0.7 V/μs. A 2-wire serial interface that operates at clock rates up to 400 kHz is used. This interface is SMBus compatible at VDD < 3.6 V. Multiple devices can be placed on the same bus. The references for the four DACs are derived from one reference pin. The outputs of all DACs can be updated simultaneously using the software LDAC function. The parts incorporate a power-on reset circuit, which ensures that the DAC outputs power up to 0 V and remain there until a valid write takes place to the device. There is also a software clear function to reset all input and DAC registers to 0 V. The parts contain a power-down feature that reduces the current consumption of the devices to 200 nA @ 5 V (80 nA @ 3 V). The low power consumption of these parts in normal operation makes them ideally suited for portable battery-operated equip- ment. The power consumption is 3 mW at 5 V, 1.5 mW at 3 V, reducing to 1 μW in power-down mode. 1 Protected by U.S. Patent No. 5,969,657 and 5,684,481. FUNCTIONAL BLOCK DIAGRAM REF IN GND AD5305/AD5315/AD5325 SDA SCL A0 BUFFER BUFFER BUFFER BUFFER INPUT REGISTER INPUT REGISTER INPUT REGISTER INPUT REGISTER VDD LDAC POWER-ON RESET INTERFACE LOGIC POWER-DOWN LOGIC STRING DAC A STRING DAC B STRING DAC C STRING DAC D DAC REGISTER DAC REGISTER DAC REGISTER DAC REGISTER VOUTD VOUTC VOUTB VOUTA Figure 1. |
Número de pieza similar - AD5315BRM-REEL7 |
|
Descripción similar - AD5315BRM-REEL7 |