Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80L186EB8 Datasheet(PDF) 9 Page - Intel Corporation

No. de pieza TS80L186EB8
Descripción Electrónicos  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

TS80L186EB8 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TS80L186EB8 Datasheet HTML 5Page - Intel Corporation TS80L186EB8 Datasheet HTML 6Page - Intel Corporation TS80L186EB8 Datasheet HTML 7Page - Intel Corporation TS80L186EB8 Datasheet HTML 8Page - Intel Corporation TS80L186EB8 Datasheet HTML 9Page - Intel Corporation TS80L186EB8 Datasheet HTML 10Page - Intel Corporation TS80L186EB8 Datasheet HTML 11Page - Intel Corporation TS80L186EB8 Datasheet HTML 12Page - Intel Corporation TS80L186EB8 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 2 Pin Description Nomenclature
Symbol
Description
P
Power Pin (Apply aVCC Voltage)
G
Ground (Connect to VSS)
I
Input Only Pin
O
Output Only Pin
IO
InputOutput Pin
S(E)
Synchronous Edge Sensitive
S(L)
Synchronous Level Sensitive
A(E)
Asynchronous Edge Sensitive
A(L)
Asynchronous Level Sensitive
H(1)
Output Driven to VCC during Bus Hold
H(0)
Output Driven to VSS during Bus Hold
H(Z)
Output Floats during Bus Hold
H(Q)
Output Remains Active during Bus Hold
H(X)
Output Retains Current State during Bus Hold
R(WH)
Output Weakly Held at VCC during Reset
R(1)
Output Driven to VCC during Reset
R(0)
Output Driven to VSS during Reset
R(Z)
Output Floats during Reset
R(Q)
Output Remains Active during Reset
R(X)
Output Retains Current State during Reset
I(1)
Output Driven to VCC during Idle Mode
I(0)
Output Driven to VSS during Idle Mode
I(Z)
Output Floats during Idle Mode
I(Q)
Output Remains Active during Idle Mode
I(X)
Output Retains Current State during Idle Mode
P(1)
Output Driven to VCC during Powerdown Mode
P(0)
Output Driven to VSS during Powerdown Mode
P(Z)
Output Floats during Powerdown Mode
P(Q)
Output Remains Active during Powerdown Mode
P(X)
Output Retains Current State during Powerdown Mode
9
9


Número de pieza similar - TS80L186EB8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
InnovASIC, Inc
TS80L186EB13 INNOVASIC-TS80L186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
TS80L186EB13 INNOVASIC-TS80L186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
TS80L186EB16 INNOVASIC-TS80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
TS80L186EB16 INNOVASIC-TS80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Descripción similar - TS80L186EB8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com