Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5373 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5373
Descripción Electrónicos  32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5373 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5373_15 Datasheet HTML 7Page - Analog Devices AD5373_15 Datasheet HTML 8Page - Analog Devices AD5373_15 Datasheet HTML 9Page - Analog Devices AD5373_15 Datasheet HTML 10Page - Analog Devices AD5373_15 Datasheet HTML 11Page - Analog Devices AD5373_15 Datasheet HTML 12Page - Analog Devices AD5373_15 Datasheet HTML 13Page - Analog Devices AD5373_15 Datasheet HTML 14Page - Analog Devices AD5373_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD5372/AD5373
Rev. C | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
NC
NC
NC
NC
NC
NC
NC
VDD
BUSY
RESET
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VSS
VOUT20
VDD
SIGGND2
VOUT19
VOUT4
VOUT5
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
11
47
46
45
42
43
44
48
41
40
39
37
36
35
34
33
38
NC = NO CONNECT
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
AD5372/AD5373
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
BUSY
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
NC
NC
NC
NC
NC
NC
NC
VDD
VOUT5
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VOUT20
VSS
VDD
SIGGND2
VOUT19
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
TOP VIEW
AD5372/AD5373
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE LEAD FRAME CHIP SCALE PACKAGE (LFCSP) HAS AN EXPOSED PAD
ON THE UNDERSIDE. CONNECT THE EXPOSED PAD TO VSS.
PIN 1
INDICATOR
Figure 7. 64-Lead LFCSP Pin Configuration
Figure 8. 64-Lead LQFP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Pad. The lead frame chip scale package (LFCSP) has an exposed pad on the
underside. Connected the exposed pad to VSS.
1
RESET
Digital Reset Input.
2
BUSY
Digital Input/Open-Drain Output. BUSY is open drain when an output. See the BUSY and
LDAC Functions section for more information.
42 to 45, 47 to 50, 21 to 24,
26 to 33, 37 to 40, 60 to 62,
3, 5 to 8
VOUT0 to
VOUT31
DAC Outputs. Buffered analog outputs for each of the 32 DAC channels. Each analog output is
capable of driving an output load of 10 kΩ to ground. Typical output impedance of these
amplifiers is 0.5 Ω.
4
SIGGND3
Reference Ground for DAC 24 to DAC 31. VOUT24 to VOUT31 are referenced to this voltage.
9 to 15, 19, 20
NC
No Connect.
16, 35
VDD
Positive Analog Power Supply; 9 V to 16.5 V for specified performance. These pins should be
decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
17, 36
VSS
Negative Analog Power Supply; −16.5 V to −8 V for specified performance. These pins should
be decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
18
VREF1
Reference Input for DAC 8 to DAC 31. This reference voltage is referred to AGND.
25
SIGGND1
Reference Ground for DAC 8 to DAC 15. VOUT8 to VOUT15 are referenced to this voltage.
34
SIGGND2
Reference Ground for DAC 16 to DAC 23. VOUT16 to VOUT23 are referenced to this voltage.
41
VREF0
Reference Input for DAC 0 to DAC 7. This reference voltage is referred to AGND.
46
SIGGND0
Reference Ground for DAC 0 to DAC 7. VOUT0 to VOUT7 are referenced to this voltage.
51, 58
DGND
Ground for All Digital Circuitry. The DGND pins should be connected to the DGND plane.
52, 57
DVCC
Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1 μF ceramic
capacitors and 10 μF capacitors.
53
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface.
54
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This pin
operates at clock speeds up to 50 MHz.
55
SDI
Serial Data Input. Data must be valid on the falling edge of SCLK.


Número de pieza similar - AD5373_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5373BCPZ AD-AD5373BCPZ Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
AD5373BSTZ AD-AD5373BSTZ Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
More results

Descripción similar - AD5373_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5378 AD-AD5378 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com