Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ70CA Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza SMAJ70CA
Descripción Electrónicos  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ70CA Datasheet(HTML) 2 Page - Diodes Incorporated

  SMAJ70CA Datasheet HTML 1Page - Diodes Incorporated SMAJ70CA Datasheet HTML 2Page - Diodes Incorporated SMAJ70CA Datasheet HTML 3Page - Diodes Incorporated SMAJ70CA Datasheet HTML 4Page - Diodes Incorporated SMAJ70CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAJ5.0(C)A – SMAJ200(C)A
Document number: DS19005 Rev. 16 - 2
2 of 5
www.diodes.com
January 2012
© Diodes Incorporated
SMAJ5.0(C)A – SMAJ200(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For
Bidirectional
(Note 7)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 8)
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 9)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
BI-
UNI-
SMAJ5.0(C)A
5.0
6.40
7.25
10
800
9.2
43.5
TE
HE
SMAJ6.0(C)A
6.0
6.67
7.37
10
800
10.3
38.8
TG
HG
SMAJ6.5(C)A
6.5
7.22
7.98
10
500
11.2
35.7
TK
HK
SMAJ7.0(C)A
7.0
7.78
8.60
10
200
12.0
33.3
TM
HM
SMAJ7.5(C)A
7.5
8.33
9.21
1.0
100
12.9
31.0
TP
HP
SMAJ8.0(C)A
8.0
8.89
9.83
1.0
50
13.6
29.4
TR
HR
SMAJ8.5(C)A
8.5
9.44
10.4
1.0
10
14.4
27.7
TT
HT
SMAJ9.0(C)A
9.0
10.0
11.1
1.0
5.0
15.4
26.0
TV
HV
SMAJ10(C)A
10
11.1
12.3
1.0
5.0
17.0
23.5
TX
HX
SMAJ11(C)A
11
12.2
13.5
1.0
5.0
18.2
22.0
TZ
HZ
SMAJ12(C)A
12
13.3
14.7
1.0
5.0
19.9
20.1
UE
IE
SMAJ13(C)A
13
14.4
15.9
1.0
5.0
21.5
18.6
UG
IG
SMAJ14(C)A
14
15.6
17.2
1.0
5.0
23.2
17.2
UK
IK
SMAJ15(C)A
15
16.7
18.5
1.0
5.0
24.4
16.4
UM
IM
SMAJ16(C)A
16
17.8
19.7
1.0
5.0
26.0
15.3
UP
IP
SMAJ17(C)A
17
18.9
20.9
1.0
5.0
27.6
14.5
UR
IR
SMAJ18(C)A
18
20.0
22.1
1.0
5.0
29.2
13.7
UT
IT
SMAJ20(C)A
20
22.2
24.5
1.0
5.0
32.4
12.3
UV
IV
SMAJ22(C)A
22
24.4
26.9
1.0
5.0
35.5
11.2
UX
IX
SMAJ24(C)A
24
26.7
29.5
1.0
5.0
38.9
10.3
UZ
IZ
SMAJ26(C)A
26
28.9
31.9
1.0
5.0
42.1
9.5
VE
JE
SMAJ28(C)A
28
31.1
34.4
1.0
5.0
45.4
8.8
VG
JG
SMAJ30(C)A
30
33.3
36.8
1.0
5.0
48.4
8.3
VK
JK
SMAJ33(C)A
33
36.7
40.6
1.0
5.0
53.3
7.5
VM
JM
SMAJ36(C)A
36
40.0
44.2
1.0
5.0
58.1
6.9
VP
JP
SMAJ40(C)A
40
44.4
49.1
1.0
5.0
64.5
6.2
VR
JR
SMAJ43(C)A
43
47.8
52.8
1.0
5.0
69.4
5.7
VT
JT
SMAJ45(C)A
45
50.0
55.3
1.0
5.0
72.7
5.5
VV
JV
SMAJ48(C)A
48
53.3
58.9
1.0
5.0
77.4
5.2
VX
JX
SMAJ51(C)A
51
56.7
62.7
1.0
5.0
82.4
4.9
VZ
JZ
SMAJ54(C)A
54
60.0
66.3
1.0
5.0
87.1
4.6
WE
RE
SMAJ58(C)A
58
64.4
71.2
1.0
5.0
93.6
4.3
WG
RG
SMAJ60(C)A
60
66.7
73.7
1.0
5.0
96.8
4.1
WK
RK
SMAJ64(C)A
64
71.1
78.6
1.0
5.0
103
3.9
WM
RM
SMAJ70(C)A
70
77.8
86.0
1.0
5.0
113
3.5
WP
RP
SMAJ75(C)A
75
83.3
92.1
1.0
5.0
121
3.3
WR
RR
SMAJ78(C)A
78
86.7
95.8
1.0
5.0
126
2.2
WT
RT
SMAJ85(C)A
85
94.4
104
1.0
5.0
137
2.9
WV
RV
SMAJ90(C)A
90
100
111
1.0
5.0
146
2.7
WX
RX
SMAJ100(C)A
100
111
123
1.0
5.0
162
2.5
WZ
RZ
SMAJ110(C)A
110
122
135
1.0
5.0
177
2.3
XE
SE
SMAJ120(C)A
120
133
147
1.0
5.0
193
2.0
XG
SG
SMAJ130(C)A
130
144
159
1.0
5.0
209
1.9
XK
SK
SMAJ150(C)A
150
167
185
1.0
5.0
243
1.6
XM
SM
SMAJ160(C)A
160
178
197
1.0
5.0
259
1.5
XP
SP
SMAJ170(C)A
170
189
209
1.0
5.0
275
1.4
XR
SR
SMAJ200(C)A
200
224
248
1.0
1.0
324
1.2
YT
ST
Notes:
7. Suffix C denotes Bi-directional device.
8. VBR measured with IT current pulse = 300μs
9. For Bidirectional devices having VRWM of 10V and under, the IR is doubled.


Número de pieza similar - SMAJ70CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
SMAJ70CA ZOWIE-SMAJ70CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ70CA DIODES-SMAJ70CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Diotech Company.
SMAJ70CA DIOTECH-SMAJ70CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMAJ70CA ZSELEC-SMAJ70CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ70CA DIODES-SMAJ70CA Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMAJ70CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com