Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5621 Datasheet(PDF) 4 Page - Analog Devices |
|
AD5621 Datasheet(HTML) 4 Page - Analog Devices |
4 / 24 page AD5601/AD5611/AD5621 Data Sheet Rev. G | Page 4 of 24 A Grade B Grade Parameter Min Typ Max Min Typ Max Unit Test Conditions/Comments POWER REQUIREMENTS VDD 2.7 5.5 2.7 5.5 V All digital inputs at 0 V or VDD IDD for Normal Mode DAC active and excluding load current VDD = ±4.5 V to ±5.5 V 75 100 75 100 µA VIH = VDD and VIL = GND VDD = ±2.7 V to ±3.6 V 60 90 60 90 µA VIH = VDD and VIL = GND IDD for All Power-Down Modes VIH = VDD and VIL = GND VDD = ±4.5 V to ±5.5 V 0.5 0.5 µA VIH = VDD and VIL = GND VDD = ±2.7 V to ±3.6 V 0.2 0.2 µA VIH = VDD and VIL = GND POWER EFFICIENCY IOUT/IDD 96 96 % ILOAD = 2 mA and VDD = ±5 V 1 Linearity calculated using a reduced code range: AD5621 from Code 64 to Code 4032; AD5611 from Code 16 to Code 1008; AD5601 from Code 4 to Code 252. 2 Guaranteed by design and characterization, not production tested. 3 Total current flowing into all pins. TIMING CHARACTERISTICS VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. See Figure 2. Table 3. Parameter Limit1 Unit Test Conditions/Comments t12 33 ns min SCLK cycle time t2 5 ns min SCLK high time t3 5 ns min SCLK low time t4 10 ns min SYNC to SCLK falling edge setup time t5 5 ns min Data setup time t6 4.5 ns min Data hold time t7 0 ns min SCLK falling edge to SYNC rising edge t8 20 ns min Minimum SYNC high time t9 13 ns min SYNC rising edge to next SCLK falling edge ignored 1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. 2 Maximum SCLK frequency is 30 MHz. Figure 2. Timing Diagram t4 t3 t2 t5 t7 t6 D0 D1 D2 D14 D15 SYNC SCLK t9 t1 t8 D15 D14 SDIN |
Número de pieza similar - AD5621_15 |
|
Descripción similar - AD5621_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |