Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-25T116 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BC817-25T116
Descripción Electrónicos  45 V, 500 mA NPN general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817-25T116 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BC817-25T116 Datasheet HTML 4Page - NXP Semiconductors BC817-25T116 Datasheet HTML 5Page - NXP Semiconductors BC817-25T116 Datasheet HTML 6Page - NXP Semiconductors BC817-25T116 Datasheet HTML 7Page - NXP Semiconductors BC817-25T116 Datasheet HTML 8Page - NXP Semiconductors BC817-25T116 Datasheet HTML 9Page - NXP Semiconductors BC817-25T116 Datasheet HTML 10Page - NXP Semiconductors BC817-25T116 Datasheet HTML 11Page - NXP Semiconductors BC817-25T116 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BC817_BC817W_BC337_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
8 of 19
NXP Semiconductors
BC817; BC817W; BC337
45 V, 500 mA NPN general-purpose transistors
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 7.
Selection -16: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 8.
Selection -25: Collector-emitter saturation
voltage as a function of collector current;
typical values
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 9.
Selection -40: Collector-emitter saturation voltage as a function of collector current; typical values
006aaa137
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(1) (2)
(3)
006aaa138
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
006aaa139
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
103
102
110
(1)
(2)
(3)


Número de pieza similar - BC817-25T116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Diotec Semiconductor
BC817-25 DIOTEC-BC817-25 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC817-25 KEXIN-BC817-25 Datasheet
1Mb / 2P
   NPN Transistors
logo
Transys Electronics
BC817-25 TRSYS-BC817-25 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

Descripción similar - BC817-25T116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
logo
NXP Semiconductors
BC817-25QA NXP-BC817-25QA Datasheet
211Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com