Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD45272 Datasheet(PDF) 1 Page - Rohm |
|
BD45272 Datasheet(HTML) 1 Page - Rohm |
1 / 16 page ○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays . 1/13 Datasheet TSZ02201-0R7R0G300010-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 15.Nov.2013 Rev.007 TSZ22111・14・001 www.rohm.com Voltage Detector IC Series Counter Timer Built-in CMOS Voltage Detector IC BD45xxx series BD46xxx series ●General Description ROHM’s BD45xxx and BD46xxx series are highly accurate, low current consumption Voltage Detector ICs. Because the counter timer delay circuit is built into these series, an external capacitor for the delay time setting is unnecessary. The lineup was established with low output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 4.8V in increments of 0.1V, so that the series may be selected according the application at hand. ●Features Counter Timer Built-in No delay time setting external capacitor required Ultra-low current consumption Two output types (Nch open drain and CMOS output) Package SSOP5 is similar to SOT-23-5 (JEDEC) ●Key Specifications Detection voltage: 2.3V to 4.8V (Typ.) 0.1V steps High accuracy detection voltage: ±1.0% Ultra-low current consumption: 0.85µA (Typ.) Operating temperature range: -40°C to +105°C Three internal, fixed delay time: 50ms 100ms 200ms ●Package SSOP5 2.90mm x 2.80mm x 1.25mm ●Applications Circuits using microcontrollers or logic circuits that require a reset. ●Typical Application Circuit ●Connection Diagram ●Pin Descriptions PIN No. Symbol Function 1 ER Manual Reset 2 SUB Substrate * 3 GND GND 4 VOUT Reset Output 5 VDD Power Supply Voltage *Connect the substrate to GND. VDD1 VDD2 GND BD45xxx CL (Noise-filtering Capacitor) RL RST Micro controller (Open Drain Output Type) BD45xxx series (CMOS Output Type) BD46xxx series CL (Noise-filtering Capacitor) VDD1 GND BD46xxx RST Micro controller SSOP5 TOP VIEW ER SUB GND VOUT VDD Lot. No Marking |
Número de pieza similar - BD45272 |
|
Descripción similar - BD45272 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |