Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6623 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD6623
Descripción Electrónicos  4-Channel, 104 MSPS Digital Transmit Signal Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6623_15 Datasheet HTML 2Page - Analog Devices AD6623_15 Datasheet HTML 3Page - Analog Devices AD6623_15 Datasheet HTML 4Page - Analog Devices AD6623_15 Datasheet HTML 5Page - Analog Devices AD6623_15 Datasheet HTML 6Page - Analog Devices AD6623_15 Datasheet HTML 7Page - Analog Devices AD6623_15 Datasheet HTML 8Page - Analog Devices AD6623_15 Datasheet HTML 9Page - Analog Devices AD6623_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
REV. A
–6–
AD6623
MICROPROCESSOR PORT TIMING CHARACTERISTICS1, 2
Test
AD6623AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
MICROPROCESSOR PORT, MODE INM (MODE = 0)
MODE INM Write Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.5
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tHWR
WR(RW) to RDY(DTACK) Hold Time
Full
IV
8.0
ns
tSAM
Address/Data to
WR(RW) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to RDY(
DTACK) Hold Time
Full
IV
2.0
ns
tDRDY
WR(RW) to RDY(DTACK) Delay
Full
IV
4.0
ns
tACC
WR(RW) to RDY(DTACK) High Delay
Full
IV
4
× t
CLK
5
× t
CLK
9
× t
CLK
ns
MODE INM Read Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.5
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tSAM
Address to
RD(DS) Setup Time
Full
IV
3.0
ns
tHAM
Address to Data Hold Time
Full
IV
2.0
ns
tZOZ
Data Three-State Delay
Full
IV
ns
tDD
RDY(
DTACK) to Data Delay
Full
IV
ns
tDRDY
RD(DS) to RDY(DTACK) Delay
Full
IV
4.0
ns
tACC
RD(DS) to RDY(DTACK) High Delay
Full
IV
8
× t
CLK
10
× t
CLK 13
× t
CLK
ns
MICROPROCESSOR PORT, MOTOROLA (MODE = 1)
MODE MNM Write Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.5
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tHRW
RW(
WR) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address/Data to RW(
WR) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to RW(
WR) Hold Time
Full
IV
2.0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
ns
tACC
RW(
WR) to DTACK(RDY) Low Delay
Full
IV
4
× tCLK 5 × tCLK 9 × tCLK
ns
MODE MNM Read Timing:
tSC
Control
3 to
↑CLK Setup Time
Full
IV
4.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address to
DS(RD) Setup Time
Full
IV
3.0
ns
tHAM
Address to Data Hold Time
Full
IV
2.0
ns
tZD
Data Three-State Delay
Full
IV
ns
tDD
DTACK(RDY) to Data Delay
Full
IV
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
ns
tACC
DS(RD) to DTACK(RDY) Low Delay
Full
IV
8
× t
CLK
10
× t
CLK 13
× t
CLK
ns
NOTES
1All Timing Specifications valid over VDD range of 2.375 V to 2.675 V and VDDIO range of 3.0 V to 3.6 V.
2C
LOAD = 40 pF on all outputs (unless otherwise specified).
3Specification pertains to control signals: RW, (
WR), DS, (RD), CS.
Specifications subject to change without notice.


Número de pieza similar - AD6623_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6623ABC AD-AD6623ABC Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623AS AD-AD6623AS Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623BC/PCB AD-AD6623BC/PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623PCB AD-AD6623PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623S/PCB AD-AD6623S/PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
More results

Descripción similar - AD6623_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6623 AD-AD6623 Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com