Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6635 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD6635
Descripción Electrónicos  4-Channel, 80 MSPS WCDMA Receive Signal Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6635_15 Datasheet HTML 7Page - Analog Devices AD6635_15 Datasheet HTML 8Page - Analog Devices AD6635_15 Datasheet HTML 9Page - Analog Devices AD6635_15 Datasheet HTML 10Page - Analog Devices AD6635_15 Datasheet HTML 11Page - Analog Devices AD6635_15 Datasheet HTML 12Page - Analog Devices AD6635_15 Datasheet HTML 13Page - Analog Devices AD6635_15 Datasheet HTML 14Page - Analog Devices AD6635_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
REV. 0
AD6635
–11–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD6635 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Input Voltage . . . . . . . . . . . . . –0.3 V to +5.3 V (5 V Tolerant)
Output Voltage Swing . . . . . . . . . . . –0.3 V to VDDIO + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . . 150
∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
∞C
*Stresses greater than those listed above may cause permanent damage to the device
These are stress ratings only; functional operation of the devices at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Thermal Characteristics
324-Lead BGA:
JA = 16.87
∞C/W, no airflow.
Thermal measurements made in the horizontal position on a
4-layer board.
EXPLANATION OF TEST LEVELS
I
100% Production Tested.
II
100% Production Tested at 25
∞C, and Sample Tested at
Specified Temperatures.
III
Sample Tested Only.
IV
Parameter Guaranteed by Design and Analysis.
V
Parameter is Typical Value Only.
VI
100% Production Tested at 25
∞C, and Sample Tested at
Temperature Extremes.
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Option
AD6635BB
–40ºC to +85ºC
324-Lead PBGA (Ball Grid Array)
B-324
AD6635BB/PCB
Evaluation Board with AD6635 and Software


Número de pieza similar - AD6635_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6635BB AD-AD6635BB Datasheet
799Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV. 0
AD6635BB/PCB AD-AD6635BB/PCB Datasheet
799Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV. 0
More results

Descripción similar - AD6635_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6635 AD-AD6635 Datasheet
799Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6634 AD-AD6634 Datasheet
925Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com