Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7008 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7008
Descripción Electrónicos  CMOS DDS Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7008 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7008_15 Datasheet HTML 2Page - Analog Devices AD7008_15 Datasheet HTML 3Page - Analog Devices AD7008_15 Datasheet HTML 4Page - Analog Devices AD7008_15 Datasheet HTML 5Page - Analog Devices AD7008_15 Datasheet HTML 6Page - Analog Devices AD7008_15 Datasheet HTML 7Page - Analog Devices AD7008_15 Datasheet HTML 8Page - Analog Devices AD7008_15 Datasheet HTML 9Page - Analog Devices AD7008_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD7008
AD7008
REGISTER
AND
CONTROL
LOGIC
32
12
20
32
12
PHASE
ACCUMULATOR
ACCUM RESET
SLEEP
AM ENABLE
PHASE
SUMMATION
12
SIN
COS
ROM
10
10
10
10
DAC
10
SIN/ COS
SUMMATION
11 PIPELINE DELAYS
13 PIPELINE DELAYS
9:0 19:10
IOUT/
IOUT
14 PIPELINE DELAYS
Figure 7. AD7008 CMOS DDS Modulator (See Table I)
CS (27)
D0-D15
(19-26, 8-15)
TC0-TC3
ACCUMULATOR
RESET
CLK
D Q
x 6
DQ
x 6
D Q
x 6
DQ
x 6
DQ
x 6
PASS
1
0
x 6
CLK
LOAD (36)
FSEL (31)
(32-35)
DQ
DQ
DQ
CLK
RESET (38)
RESET SYNCHRONIZATION
TRANSFER CONTROL (TC) REGISTER
CLK
D Q
x 5
TC0
TC1
LOAD
TC3
TC2
D Q
TC3
TC2
0
1
2
3
4
S
E
0
1
2
3
2
3
4
D Q
x 20
E
FREQ 0
FREQ 1
FREQUENCY
REGISTERS
PHASE REGISTER
D Q
x 12
E
CLK
D Q
x 32
E
IQ MOD REGISTER
1
0
x32
TO PHASE
SUMMATION
TO SIN/COS
SUMMATION
TO PHASE
ACCUMULATOR
CLK
CLK
CLK
32
32
12
10
TRANSFER DECODE
FSELECT
CLOCK (30)
x 5
D FLIP-FLOPS ARE MASTER SLAVE,
LATCHING DATA ON CLK RISING EDGE.
CLK
1
0
x 24
WR (16)
SCLK (41)
SDATA (42)
SLEEP (37)
15:0 23:8
15:8 7:0
23:0
7:0
D Q
x 32
32-BIT SERIAL
ASSEMBLY REGISTER
32-BIT PARALLEL
ASSEMBLY REGISTER
DQ
x 32
REGISTER
MUX
31:0
31:0
DQ
x 4
DQ
CLK
3:0
1
0
x 32
DQ
D1
D2
BUS MODE
SYNCHRO LOGIC
D0
D3
DQ
DQ
CLK
AM ENABLE
SLEEP
COMMAND REGISTER
CLK
CLK
PASS FLIP-FLOPS ARE TRANSPARENT
WHEN THE CLOCK IS LOW.
CLK
0
1
31:8
D Q
x 32
E
5
6
Figure 8. AD7008 Register and Control Logic


Número de pieza similar - AD7008_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7008/PCB AD-AD7008/PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008AP20 AD-AD7008AP20 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008JP50 AD-AD7008JP50 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008PCB AD-AD7008PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
More results

Descripción similar - AD7008_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7008 AD-AD7008 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com