Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7352BRUZ-500RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7352BRUZ-500RL7
Descripción Electrónicos  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7352BRUZ-500RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7352BRUZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 9Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 10Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 11Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 12Page - Analog Devices AD7352BRUZ-500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD7352
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
–80
–60
–40
–20
–100
–120
0
150
300
450
600
750
900 1050 1200 1350 1500
FREQUENCY (kHz)
16,384 POINT FFT
fSAMPLE = 3MSPS
fIN = 1MHz
SNR = 72.1dB
SINAD = 71.6dB
THD = –81.5dB
10,000
20,000
30,000
40,000
50,000
60,000
0
2044
2045
2046
2047
2048
2049
2050
CODE
93 HITS
20 HITS
Figure 3. Typical FFT
Figure 6. Histogram of Codes for 65,000 Samples
1.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
ANALOG INPUT FREQUENCY (kHz)
0
66
67
68
69
70
71
72
73
1000
2000
3000
4000
5000
Figure 4. Typical DNL Error
Figure 7. SNR vs. Analog Input Frequency
SUPPLY RIPPLE FREQUENCY (MHz)
0
–90
–85
–80
–75
–70
–65
–60
5
101520
1.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
25
Figure 5. Typical INL Error
Figure 8. PSRR vs. Supply Ripple Frequency with No Supply Decoupling


Número de pieza similar - AD7352BRUZ-500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7352BRUZ-500RL7 AD-AD7352BRUZ-500RL7 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352BRUZ-500RL7 AD-AD7352BRUZ-500RL7 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
More results

Descripción similar - AD7352BRUZ-500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com