Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7391 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7391
Descripción Electrónicos  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7391 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7391_15 Datasheet HTML 4Page - Analog Devices AD7391_15 Datasheet HTML 5Page - Analog Devices AD7391_15 Datasheet HTML 6Page - Analog Devices AD7391_15 Datasheet HTML 7Page - Analog Devices AD7391_15 Datasheet HTML 8Page - Analog Devices AD7391_15 Datasheet HTML 9Page - Analog Devices AD7391_15 Datasheet HTML 10Page - Analog Devices AD7391_15 Datasheet HTML 11Page - Analog Devices AD7391_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
AD7390/AD7391
–10–
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for the AD7390. As shown
in Figure 10, the AD7390 has been designed to drive loads as
low as 5 k
Ω in parallel with 100 pF. The code table for this
operation is shown in Table IV.
AD7390
0.1 F
CLK
VOUT
REF
VDD
GND
R
10 F
6
7
5
1
2
3
4
SDI
CLR
LD
2.7V TO 5.5V
RL
5k
CL
100pF
C
RS
EXT
REF
0.01 F
Figure 10. AD7390 Unipolar Output Operation
Table IV. AD7390 Unipolar Code Table
Hexadecimal
Decimal
Output
Number
Number
Voltage (V)
in DAC Register
in DAC Register
VREF = 2.5 V
FFF
4095
2.4994
801
2049
1.2506
800
2048
1.2500
7FF
2047
1.2494
000
0
0
The circuit can be configured with an external reference plus
power supply, or powered from a single dedicated regulator or
reference, depending on the application performance requirements.
BIPOLAR OUTPUT OPERATION
Although the AD7391 has been designed for single-supply opera-
tion, the output can be easily configured for bipolar operation.
A typical circuit is shown in Figure 11. This circuit uses a clean
regulated 5 V supply for power, which also provides the circuit’s
reference voltage. Since the AD7391 output span swings from
ground to very near 5 V, it is necessary to choose an external
amplifier with a common-mode input voltage range that extends
to its positive supply rail. The micropower consumption OP196 has
been designed just for this purpose and results in only 50 micro-
amps of maximum current consumption. Connection of the equally
valued 470 k
Ω resistors results in a differential amplifier mode
of operation with a voltage gain of two, which results in a circuit
output span of ten volts, that is, 25 V to 15 V. As the DAC is
programmed with zero-code 000H to midscale 200H to full-scale
3FFH, the circuit output voltage VO is set at 25 V, 0 V and 15 V
(minus 1 LSB). The output voltage VO is coded in offset binary
according to Equation 4.
V
D
O
=


×
512
15
(4)
where D is the decimal code loaded in the AD7391 DAC register.
Note that the LSB step size is 10/1024 = 10 mV. This circuit has
been optimized for micropower consumption including the 470 k
gain setting resistors, which should have low temperature coeffi-
cients to maintain accuracy and matching (preferably the same
material, such as metal film). If better stability is required, the power
supply could be substituted with a precision reference voltage such
as the low dropout REF195, which can easily supply the circuit’s
162
µA of current, and still provide additional power for the
load connected to VO. The micropower REF195 is guaranteed
to source 10 mA output drive current, but only consumes 50
µA
internally. If higher resolution is required, the AD7390 can be
used with the addition of two more bits of data inserted into the
software coding, which would result in a 2.5 mV LSB step size.
Table V shows examples of nominal output voltages VO provided
by the Bipolar Operation circuit application.
C
ISY < 162 A
BIPOLAR
OUTPUT
SWING
VO
+5V
–5V
–5V
VOUT
AD7391
VDD
REF
GND
+5V
< 100 A
470k
470k
< 50 A
OP196
DIGITAL INTERFACE CIRCUITRY OMITTED FOR CLARITY
Figure 11. Bipolar Output Operation
Table V. Bipolar Code Table
Hexadecimal
Decimal
Analog
Number
Number
Output
in DAC Register
in DAC Register
Voltage (V)
3FF
1023
4.9902
201
513
0.0097
200
512
0.0000
1FF
511
–0.0097
000
0
–5.0000
MICROCOMPUTER INTERFACES
The AD7390 serial data input provides an easy interface to a
variety of single-chip microcomputers (
µCs). Many µCs have a
built-in serial data capability which can be used for communi-
cating with the DAC. In cases where no serial port is provided,
or it is being used for some other purpose (such as an RS-232
communications interface), the AD7390/AD7391 can easily be
addressed in software.
Twelve data bits are required to load a value into the AD7390.
If more than 12 bits are transmitted before the load
LD input
goes high, the extra (i.e., the most-significant) bits are ignored.
This feature is valuable because most
µCs only transmit data
in 8-bit increments. Thus, the
µC sends 16 bits to the DAC
instead of 12 bits. The AD7390 will only respond to the last
12 bits clocked into the SDI input, however, so the serial-data
interface is not affected.
Ten data bits are required to load a value into the AD7391. If
more than 10 bits are transmitted before load
LD returns high,
the extra bits are ignored.


Número de pieza similar - AD7391_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7391AN AD-AD7391AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AR AD-AD7391AR Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
More results

Descripción similar - AD7391_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com