Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7485 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7485
Descripción Electrónicos  1 MSPS, Serial 14-Bit SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7485 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7485_15 Datasheet HTML 7Page - Analog Devices AD7485_15 Datasheet HTML 8Page - Analog Devices AD7485_15 Datasheet HTML 9Page - Analog Devices AD7485_15 Datasheet HTML 10Page - Analog Devices AD7485_15 Datasheet HTML 11Page - Analog Devices AD7485_15 Datasheet HTML 12Page - Analog Devices AD7485_15 Datasheet HTML 13Page - Analog Devices AD7485_15 Datasheet HTML 14Page - Analog Devices AD7485_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REV.
–10–
AD7485
Figure 7 shows the AD7485 conversion sequence operating in
normal mode.
2 s
960ns
1.04 s
READ DATA
CONVERSION
FINISHED
CONVST
TFS
Figure 7. Normal Mode Power Dissipation
In NAP mode, all the internal circuitry except for the internal
reference is powered down. In this mode, the power dissipation
of the AD7485 is reduced to 3 mW. When exiting NAP mode,
a minimum of 300 ns when using an external reference must be
waited before initiating a conversion. This is necessary to allow
the internal circuitry to settle after power-up and for the track/hold
to properly acquire the analog input signal.
If the AD7485 is put into NAP mode after each conversion, the
average power dissipation will be reduced but the throughput
rate will be limited by the power-up time. Using the AD7485 with
a throughput rate of 100 kSPS while placing the part in NAP
mode after each conversion would result in average power dissi-
pation as follows:
The power-up phase contributes:
300
10
5
12
1 8
ns
s
V
mA
mW
/.
()××
() =
The conversion phase contributes:
960
10
5
16
7 68
ns
s
V
mA
mW
/.
()××
() =
While in NAP mode for the rest of the cycle, the AD7485 dissipates
only 2.185 mW of power.
874
10
5
06
2622
./
.
.
ssV
mA
mW
()××
() =
Thus the power dissipated during each cycle is:
18
768
2 622
12 1
..
.
.
mW
mW
mW
mW
++
+
Figure 8 shows the AD7485 conversion sequence if putting the
part into NAP mode after each conversion.
1.26 s
10 s
8.74 s
300ns
CONVST
NAP
TFS
Figure 8. NAP Mode Power Dissipation
Figures 9 and 10 show a typical graphical representation of
power versus throughput for the AD7485 when in normal and
NAP modes, respectively.
THROUGHPUT – kSPS
80
76
0
100
72
68
64
60
200
400
300
500
600
700
800
900
1000
78
74
70
66
62
Figure 9. Normal Mode, Power vs. Throughput
THROUGHPUT – kSPS
50
40
050
30
20
10
0
100
200
150
250
300
350
400
450
500
45
35
25
15
5
Figure 10. NAP Mode, Power vs. Throughput
In STANDBY mode, all the internal circuitry is powered down
and the power consumption of the AD7485 is reduced to 10
µW.
Because the internal reference has been powered down, the
power-up time necessary before a conversion can be initiated is
longer. If using the internal reference of the AD7485, the ADC
must be brought out of STANDBY mode 500 ms before a conver-
sion is initiated. Initiating a conversion before the required
power-up time has elapsed will result in incorrect conversion
data. If an external reference source is used and kept powered up
while the AD7485 is in STANDBY mode, the power-up time
required will be reduced to 80
µs.
A


Número de pieza similar - AD7485_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
AD7485BST AMICC-AD7485BST Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485BSTZ AD-AD7485BSTZ Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
More results

Descripción similar - AD7485_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
   Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com