Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ4470 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SMAJ4470 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page SMAJ6485 thru SMAJ6491 SMAJ4460 thru SMAJ4476 Document Number: SMAJ6485 thru SMAJ6491, SMAJ4460 thru SMAJ4476 www.smsemi.com Feb.29, 2012 2 Electrical Characteristics @ 25°C (Unless Otherwise Noted) Note: 1. No suffix indicates a ±5% tolerance on nominal VZ,C denotes a ±2% tolerance, and D denotes a ±1% tolerance. 2. Zener voltage (VZ) is measured at TL=30℃. Voltage measurement to be performed 90 seconds after application of dc current. 3. The Zener impedance is derived from the 60HZ ac voltage which results when an ac current having an rms value equal to 10% of the dc Zener current (IZT or IZK). 4. VF at 200mA 1.2 volts maximum and VF at 1.0A 1.5 volts maximum. Characteristic Curve Microsemi Part Number Zener Voltage VZ @ IZT Test Current Maximum Dynamic Impedance ZZT=IZT Maximum Knee Impedance ZZk=IZk Knee Current Maximum Reverse Current IR @ VR Maximum Continous Current Maximum Surge Current at 8.3ms square Wave TA=25℃ Maximum Surge Current at 8.3ms square Wave TA=100℃ VZ (V) IZT (mA) ZZT (OHMS) ZZK (OHMS) IZK (mA) IR (µA) VR (V) IZM mA IZSM (A) IZSM (A) SMAJ6485 SMAJ6486 SMAJ6487 SMAJ6488 3.3 3.6 3.9 4.3 76.0 69.0 64.0 58.0 10.0 10.0 9.0 9.0 400 400 400 400 1.00 1.00 1.00 1.00 50.0 50.0 35.0 5.00 1.00 1.00 1.00 1.00 433 397 366 332 - - - - 8.4 7.8 7.2 6.6 SMAJ6489 SMAJ6490 SMAJ6491 4.7 5.1 5.6 53.0 49.0 45.0 8 7 5 500 500 600 1.00 1.00 1.00 4.00 1.00 0.50 1.00 1.00 2.00 304 280 255 - - - 6.0 5.4 5.0 SMAJ4460 SMAJ4461 SMAJ4462 SMAJ4463 6.2 6.8 7.5 8.2 40.0 37.0 34.0 31.0 4 2.5 2.5 3.0 200 200 400 400 1.00 1.00 0.50 0.50 10.0 5.00 1.00 0.50 3.72 4.08 4.50 4.92 230 210 191 174 - 10 9 7.8 4.6 4.2 3.8 3.4 SMAJ4464 SMAJ4465 SMAJ4466 SMAJ4467 9.1 10.0 11.0 12.0 28.0 25.0 23.0 21.0 4.0 5.0 6.0 7.0 500 500 550 550 0.50 0.25 0.25 0.25 0.30 0.30 0.30 0.20 5.46 8.00 8.80 9.60 157 143 130 119 6.8 6.0 5.2 4.8 3.2 2.8 2.6 2.4 SMAJ4468 SMAJ4469 SMAJ4470 SMAJ4471 13.0 15.0 16.0 18.0 19.0 17.0 15.5 14.0 8.0 9.0 10.0 11.0 550 600 600 650 0.25 0.25 0.25 0.25 0.05 0.05 0.05 0.05 10.4 12.0 12.8 14.4 110 95 90 79 4.4 3.6 3.2 2.8 2.2 1.9 1.6 1.58 SMAJ4472 SMAJ4473 SMAJ4474 SMAJ4475 20.0 22.0 24.0 27.0 12.5 11.5 10.5 9.5 12.0 14.0 16.0 18.0 650 650 700 700 0.25 0.25 0.25 0.25 0.05 0.05 0.05 0.05 16.0 17.6 19.2 21.6 71 65 60 53 2.4 2.2 1.8 1.6 1.42 1.3 1.2 1.06 SMAJ4476 30.0 8.5 20.0 750 0.25 0.05 24.0 48 1.5 0.96 Fig.1 Power Derating Curve 2.0 1.5 1.0 0.5 0 0 50 100 150 200 Lead Temperature (℃) 打印无效 |
Número de pieza similar - SMAJ4470 |
|
Descripción similar - SMAJ4470 |