Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7545 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7545
Descripción Electrónicos  Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7545 Datasheet(HTML) 4 Page - Analog Devices

  AD7545_15 Datasheet HTML 1Page - Analog Devices AD7545_15 Datasheet HTML 2Page - Analog Devices AD7545_15 Datasheet HTML 3Page - Analog Devices AD7545_15 Datasheet HTML 4Page - Analog Devices AD7545_15 Datasheet HTML 5Page - Analog Devices AD7545_15 Datasheet HTML 6Page - Analog Devices AD7545_15 Datasheet HTML 7Page - Analog Devices AD7545_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7545
–4–
REV. A
CIRCUIT INFORMATION—D/A CONVERTER SECTION
Figure 1 shows a simplified circuit of the D/A converter section
of the AD7545 and Figure 2 gives an approximate equivalent
circuit. Note that the ladder termination resistor is connected to
AGND. R is typically 11 k
Ω.
2R
2R
2R
2R
2R
2R
RRR
R
VREF
RFB
OUT 1
AGND
DB11
(MSB)
DB0
(LSB)
DB10
DB9
DB1
Figure 1. Simplified D/A Circuit of AD7545
The binary weighted currents are switched between the OUT1
bus line and AGND by N-channel switches, thus maintaining a
constant current in each ladder leg independent of the switch
state.
The capacitance at the OUT1 bus line, COUT1, is code depen-
dent and varies from 70 pF (all switches to AGND) to 200 pF
(all switches to OUT1).
One of the current switches is shown in Figure 2. The input
resistance at VREF (Figure 1) is always equal to RLDR (RLDR is
the R/2R ladder characteristic resistance and is equal to value
“R”). Since RIN at the VREF pin is constant, the reference termi-
nal can be driven by a reference voltage or a reference current,
ac or dc, of positive or negative polarity. (If a current source is
used, a low temperature coefficient external RFB is recommended
to define scale factor.)
TO LADDER
AGND
OUT 1
FROM
INTERFACE
LOGIC
Figure 2. N-Channel Current Steering Switch
CIRCUIT INFORMATION—DIGITAL SECTION
Figure 3 shows the digital structure for one bit.
The digital signals CONTROL and CONTROL are generated
from CS and WR.
VIN
INPUT BUFFERS
CONTROL
CONTROL
TO AGND SWITCH
TO OUT1 SWITCH
Figure 3. Digital Input Structure
The input buffers are simple CMOS inverters designed so that
when the AD7545 is operated with VDD = 5 V, the buffers con-
vert TTL input levels (2.4 V and 0.8 V) into CMOS logic levels.
When VIN is in the region of 2.0 volts to 3.5 volts, the input
buffers operate in their linear region and draw current from the
power supply. To minimize power supply currents it is recom-
mended that the digital input voltages be as close as practicably
possible to the supply rails (VDD and DGND).
The AD7545 may be operated with any supply voltage in the
range 5
≤ V
DD
≤ 15 volts. With V
DD = +15 V the input logic
levels are CMOS compatible only, i.e., 1.5 V and 13.5 V.
BASIC APPLICATIONS
Figures 4 and 5 show simple unipolar and bipolar circuits using
the AD7545. Resistor R1 is used to trim for full scale. The
“G” versions (AD7545GLN, AD7545GCQ, AD7545GUD)
have a guaranteed maximum gain error of
± 1 LSB at +25°C
(VDD = +5 V), and in many applications it should be possible to
dispense with gain trim resistors altogether. Capacitor C1 provides
phase compensation and helps prevent overshoot and ringing when
using high speed op amps. Note that all the circuits of Figures 4, 5
and 6 have constant input impedance at the VREF terminal.
The circuit of Figure 1 can either be used as a fixed reference
D/A converter so that it provides an analog output voltage in the
range 0 to –VIN (note the inversion introduced by the op amp),
or VIN can be an ac signal in which case the circuit behaves as
an attenuator (2-Quadrant Multiplier). VIN can be any voltage
in the range –20
≤ VIN + 20 volts (provided the op amp can
handle such voltages) since VREF is permitted to exceed VDD.
Table II shows the code relationship for the circuit of Figure 4.
VDD
R1
*
VIN
DB11–DB0
ANALOG
COMMON
R2
*
C1
33pF
AD544L
(SEE TEXT)
VOUT
*REFER TO TABLE I
20
18
1
2
3
19
AD7545
VDD
RFB
VREF
DGND
OUT1
AGND
Figure 4. Unipolar Binary Operation
Table I. Recommended Trim Resistor Values vs. Grades for
VDD = +5 V
Trim
Resistor
J/A/S
K/B/T
L/C/U
GL/GC/GU
R1
500
200
100
20
R2
150
68
33
6.8
Table II. Unipolar Binary Code Table for Circuit of Figure 4
Binary Number in DAC Register
Analog Output
1 1 1 1
1 1 1 1
1 1 1 1
–VIN
4095
4096


1 0 0 0
0 0 0 0
0 0 0 0
–VIN
2048
4096


= –1/2 VIN
0 0 0 0
0 0 0 0
0 0 0 1
–VIN
1
4096


0 0 0 0
0 0 0 0
0 0 0 0
0 Volts


Número de pieza similar - AD7545_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Descripción similar - AD7545_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7545A AD-AD7545A_15 Datasheet
319Kb / 8P
   Buffered Multiplying DAC
REV. C
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com