Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7628 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7628
Descripción Electrónicos  CMOS Dual 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7628 Datasheet(HTML) 4 Page - Analog Devices

  AD7628_15 Datasheet HTML 1Page - Analog Devices AD7628_15 Datasheet HTML 2Page - Analog Devices AD7628_15 Datasheet HTML 3Page - Analog Devices AD7628_15 Datasheet HTML 4Page - Analog Devices AD7628_15 Datasheet HTML 5Page - Analog Devices AD7628_15 Datasheet HTML 6Page - Analog Devices AD7628_15 Datasheet HTML 7Page - Analog Devices AD7628_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7628
–4–
REV. A
INTERFACE LOGIC INFORMATION
DAC Selection
Both DAC latches share a common 8-bit input port. The con-
trol input
DAC A/DAC B selects which DAC can accept data
from the input port.
Mode Selection
Inputs
CS and WR control the operating mode of the selected
DAC. See Mode Selection Table below.
Write Mode
When
CS and WR are both low, the selected DAC is in the write
mode. The input data latches of the selected DAC are transpar-
ent and its analog output responds to activity on DB0–DB7.
Hold Mode
The selected DAC latch retains the data that was present on
DB0–DB7 just prior to
CS or WR assuming a high state. Both
analog outputs remain at the values corresponding to the data in
their respective latches.
Mode Selection Table
DAC A/
DAC B
CS
WR
DAC A
DAC B
L
L
L
WRITE
HOLD
H
L
L
HOLD
WRITE
X
H
X
HOLD
HOLD
X
X
H
HOLD
HOLD
L = Low State, H = High State, X = Don’t Care
WRITE CYCLE TIMING DIAGRAM
CIRCUIT INFORMATION—D/A SECTION
The AD7628 contains two identical 8-bit multiplying D/A con-
verters, DAC A and DAC B. Each DAC consists of a highly
stable thin film R-2R ladder and eight N-channel current steering
switches. A simplified D/A circuit for DAC A is shown in Figure
1. An inverted R-2R ladder structure is used; that is, binary
Figure 1. Simplified Functional Circuit for DAC A
weighted currents are switched between the DAC output and
AGND, thus maintaining fixed currents in each ladder leg inde-
pendent of switch state.
EQUIVALENT CIRCUIT ANALYSIS
Figure 2 shows an approximate equivalent circuit for one of
the AD7628’s D/A converters, in this case DAC A. A similar
equivalent circuit can be drawn for DAC B. Note that AGND
(Pin 1) is common for both DAC A and DAC B.
The current source ILEAKAGE is composed of surface and junc-
tion leakages and, as with most semiconductor devices, approxi-
mately doubles every 10
°C. The resistor Ro, as shown in Fig-
ure 2, is the equivalent output resistance of the device, which
varies with input code (excluding all 0s code) from 0.8R to 2R.
R is typically 11 k
Ω. C
OUT is the capacitance due to the N-channel
switches and varies from about 50 pF to 120 pF, depending on
the digital input. g(VREF A, N) is the Thevenin equivalent volt-
age generator due to the reference input voltage VREF A and the
transfer function of the R-2R ladder.
For further information on CMOS multiplying D/A converters,
refer to “CMOS DAC Application Guide, 2ND Edition” avail-
able from Analog Devices, Publication Number G872a–15–4/86.
Figure 2. Equivalent Analog Output Circuit of DAC A
CIRCUIT INFORMATION–DIGITAL SECTION
The input buffers are simple CMOS level-shifters designed so
that when the AD7628 is operated with VDD from 10.8 V to
15.75 V, the buffer converts TTL input levels (2.4 V and 0.8 V)
into CMOS logic levels. When VIN is in the region of 1.0 volt to
2.0 volts, the input buffers operate in their linear region and
pass a quiescent current (see Figure 3). To minimize power sup-
ply currents, it is recommended that the digital input voltages be as
close to the supply rails (VDD and DGND) as practicably possible.
The AD7628 may be operated with any supply voltage in the
range 10.8
≤ V
DD
≤ 15.75 volts.
Figure 3. Typical Plot of Supply Current, IDD vs. Logic
Input Voltage VIN to VDD = +15 V


Número de pieza similar - AD7628_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7628BQ AD-AD7628BQ Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628BQ AD-AD7628BQ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KN AD-AD7628KN Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KN AD-AD7628KN Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
More results

Descripción similar - AD7628_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com