Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA0139E Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza CA0139E
Descripción Electrónicos  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0139E Datasheet(HTML) 3 Page - Intersil Corporation

  CA0139E Datasheet HTML 1Page - Intersil Corporation CA0139E Datasheet HTML 2Page - Intersil Corporation CA0139E Datasheet HTML 3Page - Intersil Corporation CA0139E Datasheet HTML 4Page - Intersil Corporation CA0139E Datasheet HTML 5Page - Intersil Corporation CA0139E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electrical Specifications
V+ = 5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(oC)
CA239, CA339, LM339
UNITS
MIN
TYP
MAX
Input Offset Voltage
VIO
VREF = 1.4V, RS = 0, Output Switch
Point V
1.4V
TA = 25
-
2
5
mV
Note 4
-
-
9
mV
Differential Input Voltage
VID
Keep All Inputs
≥ 0V, or V- (if used)
(Note 5)
Note 4
-
-
36
V
Saturation Voltage
VSAT
VI- = 1V, VI+ = 0V, ISINK ≤ 4mA
TA = 25
-
250
400
mV
Note 4
-
-
700
mV
Common Mode Input
Voltage Range
VICR
Note 6
TA = 25
0
-
V+ -1.5
V
Note 4
0
-
V+ - 2
V
Input Offset Current
IIO
II+ - II-TA = 25
-
5
50
nA
Note 4
-
-
150
nA
Input Bias Current
IIB
II+ or II- with Output in Linear Range
TA = 25
-
25
250
nA
Note 4
-
-
400
nA
Total Supply Current
I+
RL = ∞ on All Comparators
TA = 25
-
0.8
2
mA
Output Leakage Current
VI+ ≥ 1V, VI- = 0V, VO = 5V
TA = 25
-
0.1
-
nA
VI+ ≥ 1V, VI- = 0V, VO = 30V
Note 4
-
-
1
µA
Output Sink Current
VI- ≥ 1V, VI+ = 0V, VO ≤ 1.5V
TA = 25
6
16
-
mA
Voltage Gain
AOL
RL ≥ 15kΩ, V+ = 15V
TA = 25
50
200
-
V/mV
Large Signal Response Time
VI = TTL Logic Swing, VREF = 1.4V,
VRL =5V, RL = 5.1kΩ
TA = 25
-
300
-
ns
Response Time
(Figures 3, 4)
VRL = 5V, RL = 5.1kΩ
TA = 25
-
1.3
-
µs
NOTES:
4. Ambient Temperature (TA) applicable over operating temperature range as shown below.
CA139, CA139A = -55oC to 125oC; CA239 = -25oC to 85oC; CA339, LM339 = 0oC to 70oC; LM2901, LM3302 = -40oC to 85oC.
5. The comparator will provide a proper output state even if the positive swing of the inputs exceeds the power supply voltage level, if the other
input remains within the common mode voltage range. The low input voltage state must not be less than -0.3V (or 0.3V below the magnitude of
the negative power supply, if used).
6. The upper end of the common mode voltage range is (V+) - 1.5V, but either or both inputs can go to +30V without damage.
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302


Número de pieza similar - CA0139E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA0139E INTERSIL-CA0139E Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
More results

Descripción similar - CA0139E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com