Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3078AM96 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza CA3078AM96
Descripción Electrónicos  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078AM96 Datasheet(HTML) 3 Page - Intersil Corporation

  CA3078AM96 Datasheet HTML 1Page - Intersil Corporation CA3078AM96 Datasheet HTML 2Page - Intersil Corporation CA3078AM96 Datasheet HTML 3Page - Intersil Corporation CA3078AM96 Datasheet HTML 4Page - Intersil Corporation CA3078AM96 Datasheet HTML 5Page - Intersil Corporation CA3078AM96 Datasheet HTML 6Page - Intersil Corporation CA3078AM96 Datasheet HTML 7Page - Intersil Corporation CA3078AM96 Datasheet HTML 8Page - Intersil Corporation CA3078AM96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications
TA = 25
oC, Typical Values Intended Only for Design Guidance
PARAMETER
CA3078
CA3078A
UNITS
V+ = +1.3V,
V- = -1.3V
RSET = 2MΩ
V+ = +0.75V,
V- = -0.75V
RSET = 10MΩ
V+ = +1.3V,
V- = -1.3V
RSET = 2MΩ
V+ = +0.75V,
V- = -0.75V
RSET = 10MΩ
VIO
1.3
1.5
0.7
0.9
mV
IIO
1.7
0.5
0.3
0.054
nA
IIB
9
1.3
3.7
0.45
nA
AOL
80
60
84
65
dB
IQ
10
1
10
1
µA
PD
26
1.5
26
1.5
µW
VOP-P
1.4
0.3
1.4
0.3
V
VICR
-0.8 to +1.1
-0.2 to +0.5
-0.8 to +1.1
-0.2 to +0.5
V
CMRR
100
90
100
90
dB
IOM±
12
0.5
12
0.5
mA
∆VIO/∆V±
20
50
20
50
µV/V
Electrical Specifications
TA = 25
oC and VSUPPLY = ±6V, Typical Values Intended Only for Design Guidance
PARAMETER
TEST CONDITIONS
CA3078
CA3078A
UNITS
RSET = 1MΩ
RSET = 5.1MΩ
RSET = 1MΩ
∆VIO/∆TA
RS ≤10kΩ
656
µV/oC
∆IIO/∆TA
RS ≤10kΩ
70
6.3
70
pA/oC
GBWP
AV = 100, C1 = 10pF
2
0.3
2
MHz
SR
See Figures 23, 24
0.04
0.027
0.04
V/
µs
1.5
0.5
1.5
V/
µs
tR
10% to 90% Rise Time
2.5
3
2.5
µs
RI
-
0.87
7.4
1.7
M
RO
-
0.8
1
0.8
k
eN(10Hz)
RS = 0
25
40
-
nV/
√Hz
iN(10Hz)
RS = 1MΩ
1
0.25
-
pA/
√Hz
CA3078, CA3078A


Número de pieza similar - CA3078AM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3078AM96 INTERSIL-CA3078AM96 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
More results

Descripción similar - CA3078AM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com