Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3162A Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza CA3162A
Descripción Electrónicos  A/D Converters for 3-Digit Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3162A Datasheet(HTML) 5 Page - Intersil Corporation

  CA3162A Datasheet HTML 1Page - Intersil Corporation CA3162A Datasheet HTML 2Page - Intersil Corporation CA3162A Datasheet HTML 3Page - Intersil Corporation CA3162A Datasheet HTML 4Page - Intersil Corporation CA3162A Datasheet HTML 5Page - Intersil Corporation CA3162A Datasheet HTML 6Page - Intersil Corporation CA3162A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-9
CA3162E Liquid Crystal Display (LCD) Application
Figure 3 shows the CA3162E in a typical LCD application.
LCDs may be used in favor of LED displays in applications
requiring lower power dissipation, such as battery-operated
equipment, or when visibility in high-ambient-light conditions
is desired.
Multiplexing of LCD digits is not practical, since LCDs must
be driven by an AC signal and the average voltage across
each segment is zero. Three CD4056B liquid-crystal
decoder/drivers are therefore used. Each CD4056B contains
an input latch so that the BCD data for each digit may be
latched into the decoder using the inverted digit-select out-
puts of the CA3162E as strobes.
The capacitors on the outputs of inverters G3 and G4 filter
out the decode spikes on the MSD and NSD signals. The
capacitors and pull-up resistors connected to the MSD, NSD
and LSD outputs are there to shorten the digit drive signal
thereby providing proper timing for the CD4056B latches.
Inverters G1 and G2 are used as an astable multivibrator to
provide the AC drive to the LCD backplane. Inverters G3, G4
and G5 are the digit-select inverters and require pull-up
resistors to interface the open-collector outputs of the
CA3162E to CMOS logic. The BCD outputs of the CA3162E
may be connected directly to the corresponding CD4056B
inputs (using pull-up resistors). In this arrangement, the
CD4056B decodes the negative sign (-) as an “L” and the
positive overload indicator (E) as an “H”.
The circuit as shown in Figure 3 using G7, G8 and G9 will
decode the negative sign (-) as a negative sign (-), and the
positive overload indicator (E) as “H”.
FIGURE 3. TYPICAL LCD APPLICATION
+5V
TO LSD
OF LCD
+5V
TO MSD
OF LCD
+5V
TO NSD
OF LCD
1
6
4
2
3
5 78
16
CD4056B
15k
100k
0.63
µF
TO LCD
BACKPLANE
1
6
4
2
3
5 78
16
CD4056B
1
6
4
2
3
5 78
16
CD4056B
0.047
0.27
µF
ZERO
50k
“HOLD”
VIN+
GAIN
10k
+5V
12
14
8
9
11
10 13
4
3
5
16
15
1
2
7
MSD
VIN-
NSD
LSD
23
22
21
20
µF
0.047
µF
G1 - G6: CD4049UB
HEX INVERTER
G7, G8, G9: CD4023B
TRIPLE 3 INPUT NAND GATE
0.047
µF
G7
G9
G8
0.047
µF
0.047
µF
4 x
100k
6 x
10k
G3
G4
G5
+5V
CA3162E
CA3162, CA3162A


Número de pieza similar - CA3162A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162E INTERSIL-CA3162E Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Renesas Technology Corp
CA3162E RENESAS-CA3162E Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
More results

Descripción similar - CA3162A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com