Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3165 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza CA3165
Descripción Electrónicos  Electronic Switching Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3165 Datasheet(HTML) 1 Page - Intersil Corporation

  CA3165 Datasheet HTML 1Page - Intersil Corporation CA3165 Datasheet HTML 2Page - Intersil Corporation CA3165 Datasheet HTML 3Page - Intersil Corporation CA3165 Datasheet HTML 4Page - Intersil Corporation CA3165 Datasheet HTML 5Page - Intersil Corporation CA3165 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1999
10-25
[ /Title (CA3165)
/Subject (Electronic Switching Circuit)
/Author ()
/Keywords ()
/Creator ()
/DOCINFO pdfmark
[ /PageMode /UseOutlines
/DOCVIEW pdfmark
CA3165
Electronic Switching Circuit
Description
The CA3165 is a single chip electronic switching circuit
intended primarily for ignition applications. It includes an
oscillator that is amplitude-modulated by the rotor teeth of a
distributor, a detector that develops the positive going modu-
lation envelope, a Schmitt trigger that eliminates switching
uncertainties. Both types include two complementary high
current switched outputs for driving power transistors requir-
ing up to 120mA. The CA3165E also includes two comple-
mentary low current outputs that incorporate internal current
limiting and a non-inverting output amplifier with uncommit-
ted input capable of switching 27mA.
The CA3165 is supplied in the 8 lead dual-in-line plastic
package (E suffix) and in the 14 lead dual-in-line plastic
package (E1 suffix).
Features
• Switching Initiated by Damping of Internal Oscillator
• Proximity Sensing of Rotational Motion
• Repeatable Timing of Switching States
• Five Outputs - Two Complementary Pairs and One
Non-Inverting Output CA3165E1
• Two Outputs - One Complementary Pair CA3165E
Part Number Information
PART
NUMBER
TEMPERATURE
PACKAGE
CA3165E
-40oC to +85oC
8 Lead Plastic DIP
CA3165E1
-40oC to +85oC
14 Lead Plastic DIP
File Number
1278.3
May 1999
Pinouts
CA3165 (PDIP)
TOP VIEW
CA3165 (PDIP)
TOP VIEW
OSC FB
SENSE
GND
OUTPUT
1
2
3
4
8
7
6
5
FB_RF
V+
DET_OUT
INV_OUT
OSC FB
SENSE
GND
OUTPUT
+SIGNAL
INV_OUT
–SIGNAL
NC
FB_RF
V+
NC
DET_OUT
AMPL_IN
AMPL_OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLACEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Número de pieza similar - CA3165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160A INTERSIL-CA3160A Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160AE INTERSIL-CA3160AE Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160E INTERSIL-CA3160E Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results

Descripción similar - CA3165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Motorola, Inc
MC34010 MOTOROLA-MC34010 Datasheet
1Mb / 24P
   ELECTRONIC TELEPHONE CIRCUIT
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
Motorola, Inc
MC34011 MOTOROLA-MC34011 Datasheet
1,011Kb / 21P
   ELECTRONIC TELEPHONE CIRCUIT
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com