Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3194E Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza CA3194E
Descripción Electrónicos  Single Chip PAL Luminance/Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3194E Datasheet(HTML) 7 Page - Intersil Corporation

  CA3194E Datasheet HTML 1Page - Intersil Corporation CA3194E Datasheet HTML 2Page - Intersil Corporation CA3194E Datasheet HTML 3Page - Intersil Corporation CA3194E Datasheet HTML 4Page - Intersil Corporation CA3194E Datasheet HTML 5Page - Intersil Corporation CA3194E Datasheet HTML 6Page - Intersil Corporation CA3194E Datasheet HTML 7Page - Intersil Corporation CA3194E Datasheet HTML 8Page - Intersil Corporation CA3194E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-62
CA3194
FIGURE 13. AVERAGE BEAM LIMITER (VAB) MEASURED AT
PIN 18 OUTPUT
FIGURE 14. AVERAGE BEAM LIMITER (VAB) MEASURED AT
PIN 18 OUTPUT
FIGURE 15. AVERAGE BEAM LIMITER (VAB) MEASURED AT
PIN 18 OUTPUT
FIGURE 16. SANDCASTLE INPUT WAVEFORM
FIGURE 17. KILLER-THRESHOLD LEVEL CONTROL
FIGURE 18. EXTERNAL OVERLOAD DETECTOR
Typical Performance Curves (Continued)
VCC = 12V
VC : SET FOR V18 = 2VP-P
VIN : SET FOR BLACK LEVEL = 7V
10
6
PIN 24 - AVERAGE BEAM LIMITER (VAB, V)
PIN 20: LUMA = 0.5VP-P (30% SYNC)
9
8
7
02
46
8
10
INITIAL BLACK LEVEL SET 7.0V
PEAK WHITE LEVEL
BLACK LEVEL
REDUCED
LUMA
VCC = 12V
VC = 5V
VB = 3.5V
PIN 20: LUMA = 0.5VP-P
RC - CONTRAST TERMINAL
RESISTANCE = 47k
0
PIN 24 - AVERAGE BEAM LIMITER (VAB, V)
7
(30% SYNC)
BLACK LEVEL
PEAK WHITE
R = 47k
6
5
8
9
10
11
12
13
12
3
4
5
6
789
10
VCC = 12V
VC = 5V
VB : SET FOR BLACK
PIN 20: LUMA = 0.5VP-P
VARY RC - CONTRAST
0
PIN 24 - AVERAGE BEAM LIMITER (VAB, V)
6
(30% SYNC)
BLACK LEVEL
PEAK WHITE
R = 47k
5
4
7
8
9
10
11
12
12
3
4
5
6
789
10
TERMINAL RESISTANCE
LEVEL = 6.3V
R =33k
R = 22k
R =15k
BLANK
PEDESTAL
0V
VBG = 6.5V TO VCC
VBLANK = 2V TO 5V
BG PULSE
H + V
5
VCC
5.1M
5.1M
5.1M
CA3194E
3
CA3194E
CHROMA OUTPUT
SATURATION
CONTROL
2
0.01
µF
+5V
5K
27K
VCC
47K
300
1.5K
(NOTE 2)
1.0
µF
(NOTE 1)
(NOTE 1)
NOTES:
1. Nominal values used in NTSC system.
2. Small signal n-p-n.


Número de pieza similar - CA3194E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3193 INTERSIL-CA3193 Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193AE INTERSIL-CA3193AE Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193E INTERSIL-CA3193E Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
More results

Descripción similar - CA3194E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
Sanyo Semicon Device
LA7323 SANYO-LA7323 Datasheet
551Kb / 13P
   Single-Chip HQ Luminance Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com