Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3183AM96 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza CA3183AM96
Descripción Electrónicos  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3183AM96 Datasheet(HTML) 1 Page - Intersil Corporation

  CA3183AM96 Datasheet HTML 1Page - Intersil Corporation CA3183AM96 Datasheet HTML 2Page - Intersil Corporation CA3183AM96 Datasheet HTML 3Page - Intersil Corporation CA3183AM96 Datasheet HTML 4Page - Intersil Corporation CA3183AM96 Datasheet HTML 5Page - Intersil Corporation CA3183AM96 Datasheet HTML 6Page - Intersil Corporation CA3183AM96 Datasheet HTML 7Page - Intersil Corporation CA3183AM96 Datasheet HTML 8Page - Intersil Corporation CA3183AM96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
TM
File Number
532.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
CA3146, CA3146A, CA3183, CA3183A
High-Voltage Transistor Arrays
The CA3146A, CA3146, CA3183A, and CA3183 are general
purpose high voltage silicon NPN transistor arrays on a
common monolithic substrate.
Types CA3146A and CA3146 consist of five transistors with two
of the transistors connected to form a differentially connected
pair. These types are recommended for low power applications
in the DC through VHF range. (CA3146A and CA3146 are high
voltage versions of the popular predecessor type CA3046.)
Types CA3183A and CA3183 consist of five high current
transistors with independent connections for each transistor.
In addition two of these transistors (Q1 and Q2) are matched
at low current (i.e., 1mA) for applications where offset
parameters are of special importance. A special substrate
terminal is also included for greater flexibility in circuit
design. (CA3183A and CA3183 are high voltage versions of
the popular predecessor type CA3083.)
The types with an “A” suffix are premium versions of their
non-“A” counterparts and feature tighter control of
breakdown voltages making them more suitable for higher
voltage applications.
For detailed application information, see companion
Application Note AN5296 “Application of the CA3018
Integrated Circuit Transistor Array.”
Features
• Matched General Purpose Transistors
-VBE Match . . . . . . . . . . . . . . . . . . . . . . . . ±5mV (Max)
• Operation from DC to 120MHz (CA3146, CA3146A)
• Low Noise Figure . . . . . . . . . . 3.2dB (CA3146, CA3146A)
• High IC . . . . . . . . . . . . 75mA (Max) (CA3183, CA3183A)
Applications
• General Use in Signal Processing Systems in DC through
VHF Range
• Custom Designed Differential Amplifiers
• Temperature Compensated Amplifiers
• Lamp and Relay Drivers (CA3183, CA3183A)
• Thyristor Firing (CA3183, CA3183A)
Pinouts
CA3146, CA3146A (PDIP, SOIC)
TOP VIEW
CA3183, CA3183A (PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
(BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA3146AE
-40 to 85
14 Ld PDIP
E14.3
CA3146AM
(3146A)
-40 to 85
14 Ld SOIC
M14.15
CA3146E
-40 to 85
14 Ld PDIP
E14.3
CA3146M
(3146)
-40 to 85
14 Ld SOIC
M14.15
CA3146M96
(3146)
-40 to 85
14 Ld SOIC Tape and
Reel
M14.15
CA3183AE
-40 to 85
16 Ld PDIP
E16.3
CA3183AM96
(3183A)
-40 to 85
16 Ld SOIC Tape and
Reel
M16.15
CA3183E
-40 to 85
16 Ld PDIP
E16.3
CA3183M
(3183)
-40 to 85
16 Ld SOIC
M16.15
CA3183M96
(3183)
-40 to 85
16 Ld SOIC Tape and
Reel
M16.15
SUBSTRATE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Q1
Q2
Q4
Q3
DIFF.
PAIR
Q5
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Q1
Q3
Q2
Q4
Q5
Data Sheet
April 2000
[ /Title
(CA31
46,
CA314
6A,
CA318
3,
CA318
3A)
/Sub-
ject
(High-
Volt-
age
Tran-
sistor
Arrays
)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
five,
transis-
tor
array,
low
cost
NPN,
40V,
50ma
75ma,
mhz ft,
high
volt-


Número de pieza similar - CA3183AM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3183AM96 INTERSIL-CA3183AM96 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Descripción similar - CA3183AM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com