Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7678 Datasheet(PDF) 10 Page - Analog Devices |
|
AD7678 Datasheet(HTML) 10 Page - Analog Devices |
10 / 28 page AD7678 Rev. A | Page 10 of 28 Pin No. Mnemonic Type1 Description 34 PD DI Power-Down Input. When set to a logic HIGH, power consumption is reduced and conversions are inhibited after the current one is completed. 35 CNVST DI Start Conversion. If CNVST is held HIGH when the acquisition phase (t8) is complete, the next falling edge on CNVST puts the internal sample/hold into the hold state and initiates a conversion. If CNVST is held LOW when the acquisition phase is complete, the internal sample/hold is put into the hold state and a conversion is started immediately. 36 AGND P Must Be Tied to Analog Ground. 37 REF AI Reference Input Voltage and Internal Reference Buffer Output. Apply an external reference on this pin if the internal reference buffer is not used. Should be decoupled effectively with or without the internal buffer. 38 REFGND AI Reference Input Analog Ground. 39 IN– AI Differential Negative Analog Input. 43 IN+ AI Differential Positive Analog Input. 46 REFBUFIN AI Reference Buffer Input Voltage. The internal reference buffer has a fixed gain. It outputs 4.096 V typically when 2.5 V is applied on this pin. 48 PDBUF DI Allows Choice of Buffering Reference. When LOW, buffer is selected. When HIGH, buffer is switched off. 49 (EPAD) Exposed Pad (EPAD) The exposed pad is internally connected to AGND. This connection is not required to meet the electrical performances; however, for increased reliability of the solder joints, it is recommended that the pad be soldered to the analog ground of the system. 1AI = Analog Input; AO = Analog Output; DI = Digital Input; DI/O = Bidirectional Digital; DO = Digital Output; P = Power. Table 7. Data Bus Interface Definitions MODE MODE1 MODE0 D0/OB/2C D1/A0 D2/A1 D[3] D[4:9] D[10:11] D[12:15] D[16:17] Description 0 0 0 R[0] R[1] R[2] R[3] R[4:9] R[10:11] R[12:15] R[16:17] 18-Bit Parallel 1 0 1 OB/2C A0:0 R[2] R[3] R[4:9] R[10:11] R[12:15] R[16:17] 16-Bit High Word 1 0 1 OB/2C A0:1 R[0] R[1] All Zeros 16-Bit Low Word 2 1 0 OB/2C A0:0 A1:0 All Hi-Z R[10:11] R[12:15] R[16:17] 8-Bit HIGH Byte 2 1 0 OB/2C A0:0 A1:1 All Hi-Z R[2:3] R[4:7] R[8:9] 8-Bit MID Byte 2 1 0 OB/2C A0:1 A1:0 All Hi-Z R[0:1] All Zeros 8-Bit LOW Byte 2 1 0 OB/2C A0:1 A1:1 All Hi-Z All Zeros R[0:1] 8-Bit LOW Byte 3 1 1 OB/2C All Hi-Z Serial Interface Serial Interface R[0:17] is the 18-bit ADC value stored in its output register. |
Número de pieza similar - AD7678_15 |
|
Descripción similar - AD7678_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |