Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7688 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7688
Descripción Electrónicos  16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7688 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7688_15 Datasheet HTML 7Page - Analog Devices AD7688_15 Datasheet HTML 8Page - Analog Devices AD7688_15 Datasheet HTML 9Page - Analog Devices AD7688_15 Datasheet HTML 10Page - Analog Devices AD7688_15 Datasheet HTML 11Page - Analog Devices AD7688_15 Datasheet HTML 12Page - Analog Devices AD7688_15 Datasheet HTML 13Page - Analog Devices AD7688_15 Datasheet HTML 14Page - Analog Devices AD7688_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD7688
SUPPLY (V)
1000
750
500
250
0
4.50
4.75
5.00
5.25
5.5
VIO
VDD
fS = 100kSPS
Figure 19. Operating Currents vs. Supply
TEMPERATURE (
°C)
1000
750
500
250
0
–55
–35
–15
5
25
45
65
85
105
125
VDD + VIO
Figure 20. Power-Down Currents vs. Temperature
TEMPERATURE (
°C)
1000
750
500
250
0
–55
–35
–15
5
25
45
65
85
105
125
VIO
VDD
fS = 100kSPS
Figure 21. Operating Currents vs. Temperature
TEMPERATURE (
°C)
125
–55
–35
–15
5
25
45
65
85
105
6
4
2
0
–2
–4
–6
GAIN ERROR
OFFSET ERROR
Figure 22. Offset and Gain Error vs. Temperature
SDO CAPACITIVE LOAD (pF)
120
0
20
40
60
80
100
25
20
15
10
5
0
VDD = 5V, 85°C
VDD = 5V, 25°C
Figure 23. tDSDO Delay vs. Capacitance Load and Supply
Rev. B | Page 11 of 28


Número de pieza similar - AD7688_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD76881 AD-AD76881 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76881 AD-AD76881 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7688BCPZRL AD-AD7688BCPZRL Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BCPZRL AD-AD7688BCPZRL Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7688BCPZRL7 AD-AD7688BCPZRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
More results

Descripción similar - AD7688_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com