Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3240A Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza CA3240A
Descripción Electrónicos  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3240A Datasheet HTML 3Page - Intersil Corporation CA3240A Datasheet HTML 4Page - Intersil Corporation CA3240A Datasheet HTML 5Page - Intersil Corporation CA3240A Datasheet HTML 6Page - Intersil Corporation CA3240A Datasheet HTML 7Page - Intersil Corporation CA3240A Datasheet HTML 8Page - Intersil Corporation CA3240A Datasheet HTML 9Page - Intersil Corporation CA3240A Datasheet HTML 10Page - Intersil Corporation CA3240A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
It is well known that MOSFET devices can exhibit slight
changes in characteristics (for example, small changes in
input offset voltage) due to the application of large
differential input voltages that are sustained over long
periods at elevated temperatures.
Both applied voltage and temperature accelerate these
changes. The process is reversible and offset voltage shifts
of the opposite polarity reverse the offset. In typical linear
applications, where the differential voltage is small and
symmetrical, these incremental changes are of about the
same magnitude as those encountered in an operational
amplifier employing a bipolar transistor input stage.
Offset-Voltage Nulling
The input offset voltage of the CA3240AE1 and CA3240E1
can benulledbyconnectinga 10k
Ω potentiometer between
Terminals 3 and 14 or 5 and 8 and returning its wiper arm to
Terminal 4, see Figure 5A. This technique, however, gives
more adjustment range than required and therefore, a
considerable portion of the potentiometer rotation is not fully
utilized. Typical values of series resistors that may be placed
at either end of the potentiometer, see Figure 5B, to optimize
its utilization range are given in the table “Electrical
Specifications for Equipment Design” shown on third page of
this data sheetAn alternate system is shown in Figure 5C.
This circuit uses only one additional resistor of approximately
the value shown in the table. For potentiometers, in which the
resistance does not drop to 0
Ω at either end of rotation, a
value of resistance 10% lower than the values shown in the
table should be used.
Typical Applications
On/Off Touch Switch
The on/off touch switch shown in Figure 6 uses the
CA3240E to sense small currents flowing between two
contact points on a touch plate consisting of a PC board
metallization “grid”. When the “on” plate is touched, current
flows between the two halves of the grid causing a positive
shift in the output voltage (Terminal 7) of the CA3240E.
These positive transitions are fed into the CA3059, which is
used as a latching circuit and zero-crossing TRIAC driver.
When a positive pulse occurs at Terminal 7 of the CA3240E,
the TRIAC is turned on and held on by the CA3059 and its
associated positive feedback circuitry (51k
Ω resistor and
36k
Ω/42kΩ voltage divider). When the positive pulse occurs
at Terminal 1 (CA3240E), the TRIAC is turned off and held
off in a similar manner. Note that power for the CA3240E is
supplied by the CA3059 internal power supply.
The advantage of using the CA3240E in this circuit is that it
can sense the small currents associated with skin
conduction while allowing sufficiently high circuit impedance
to provide protection against electrical shock.
Dual Level Detector (Window Comparator)
Figure 7 illustrates a simple dual liquid level detector using
the CA3240E as the sensing amplifier. This circuit operates
on the principle that most liquids contain enough ions in
solution to sustain a small amount of current flow between
two electrodes submersed in the liquid. The current, induced
by an 0.5V potential applied between two halves of a PC
board grid, is converted to a voltage level by the CA3240E in
a circuit similar to that of the on/off touch switch shown in
Figure 6. The changes in voltage for both the upper and
lower level sensors are processed by the CA3140 to activate
an LED whenever the liquid level is above the upper sensor
or below the lower sensor.
Constant-Voltage/Constant-Current Power Supply
The constant-voltage/constant-current power supply shown
in Figure 8 uses the CA3240E1 as a voltage-error and
current-sensing amplifier. The CA3240E1 is ideal for this
application because its input common-mode voltage range
includes ground, allowing the supply to adjust from 20mV to
25V without requiring a negative supply voltage. Also, the
ground reference capability of the CA3240E1 allows it to
sense the voltage across the 1
Ω current-sensing resistor in
the negative output lead of the power supply. The CA3086
transistor array functions as a reference for both constant-
voltage and constant-current limiting. The 2N6385 power
Darlington is used as the pass element and may be required
to dissipate as much as 40W. Figure 9 shows the transient
response of the supply during a 100mA to 1A load transition.
Precision Differential Amplifier
Figure 10 shows the CA3240E in the classical precision
differential amplifier circuit. The CA3240E is ideally suited for
biomedical applications because of its extremely high input
impedance. To insure patient safety, an extremely high
electrode series resistance is required to limit any current
that might result in patient discomfort in the event of a fault
condition. In this case, 10M
Ω resistors have been used to
limit the current to less than 2
µA without affecting the
performance of the circuit. Figure 11 shows a typical
electrocardiogram waveform obtained with this circuit.
VS = ±15V
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120 140
100
10
1K
10K
FIGURE 4. INPUT CURRENT vs TEMPERATURE
CA3240, CA3240A


Número de pieza similar - CA3240A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Descripción similar - CA3240A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com