Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3306D Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza CA3306D
Descripción Electrónicos  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306D Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3306D Datasheet HTML 7Page - Intersil Corporation CA3306D Datasheet HTML 8Page - Intersil Corporation CA3306D Datasheet HTML 9Page - Intersil Corporation CA3306D Datasheet HTML 10Page - Intersil Corporation CA3306D Datasheet HTML 11Page - Intersil Corporation CA3306D Datasheet HTML 12Page - Intersil Corporation CA3306D Datasheet HTML 13Page - Intersil Corporation CA3306D Datasheet HTML 14Page - Intersil Corporation CA3306D Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
4-18
The CA3306 outputs a short (less than 10ns) current spike
of up to several mA amplitude (See Typical Performance
Curves) at the beginning of the sample phase. (To a lesser
extent, a spike also appears at the beginning of auto bal-
ance.) The driving source must recover from the spike by the
end of the same phase, or a loss of accuracy will result.
A locally terminated 50
Ω or 75Ω source is generally suffi-
cient to drive the CA3306. If gain is required, a high speed,
fast settling operational amplifier, such as the HA-5033,
HA-2542, or HA5020 is recommended.
Digital Input And Output Interfacing
The two chip-enable and the phase-control inputs are stan-
dard CMOS units. They should be driven from less than 0.3
x VDD to at least 0.7 x VDD. This can be done from 74HC
series CMOS (QMOS), TTL with pull-up resistors, or, if VDD
is greater than the logic supply, open collector or open drain
drivers plus pull-ups. (See Figure 20.)
The clock input is more critical to timing variations, such as
φ1 becoming too short, for instance. Pull-up resistors should
generally be avoided in favor of active drivers. The clock
input may be capacitively coupled, as it has an internal 50k
feedback resistor on the first buffer stage, and will seek its
own trip point. A clock source of at least 1VP-P is adequate,
but
extremely
non-symmetrical
waveforms
should
be
avoided.
The output drivers have full rail-to-rail capability. If driving
CMOS systems with VDD below the VDD of the CA3306, a
CD74HC4050 or CD74HC4049 should be used to step down
the voltage. If driving LSTTL systems, no step-down should
be necessary, as most LSTTLs will take input swings up to
10V to 15V.
Although the output drivers are capable of handling typical
data bus loading, the capacitor charging currents will pro-
duce local ground disturbances. For this reason, an external
bus driver is recommended.
Increased Accuracy
In most cases the accuracy of the CA3306 should be
sufficient without any adjustments. In applications where
accuracy is of utmost importance, three adjustments can be
made to obtain better accuracy; i.e., offset trim, gain trim,
and midpoint trim.
Offset Trim
In general offset correction can be done in the preamp
circuitry by introducing a DC shift to VlN or by the offset trim
of the operational amplifier. When this is not possible the
VREF- input can be adjusted to produce an offset trim. The
theoretical input voltage to produce the first transition is 1/2
LSB. The equation is as follows:
VIN (0 to 1 transition) =
1/
2 LSB =
1/
2(VREF/64)
= VREF/128.
If VlN for the first transition is less than the theoretical, then a
single-turn 50
Ω pot connected between VREF- and ground will
accomplish the adjustment. Set VlN to
1/
2 LSB and trim the pot
until the 0 to 1 transition occurs.
If VIN for the first transition is greater than the theoretical,
then the 50
Ω pot should be connected between VREF and a
negative voltage of about 2 LSBs. The trim procedure is as
stated previously.
Gain Trim
In general the gain trim can also be done in the preamp
circuitry by introducing a gain adjustment for the operational
amplifier. When this is not possible, then a gain adjustment
circuit should be made to adjust the reference voltage. To
perform this trim, VlN should be set to the 63 to overflow
transition. That voltage is 1/2 LSB less than VREF+ and is
calculated as follows:
VlN (63 to 64 transition) = VREF - VREF/128
= VREF(127/128).
To perform the gain trim, first do the offset trim and then
apply the required VlN for the 63 to overtlow transition. Now
adjust VREF+ until that transition occurs on the outputs.
Midpoint Trim
The reference center (RC) is available to the user as the
midpoint of the resistor ladder. To trim the midpoint, the
offset and gain trims should be done first. The theoretical
transition from count 31 to 32 occurs at 311/2 LSBs. That
voltage is as follows:
VlN (31 to 32 transition) = 31.5 (VREF/64)
= VREF(63/128).
An adjustable voltage follower can be connected to the RC
pin or a 2K pot can be connected between VREF+ and
VREF- with the wiper connected to RC. Set VlN to the 31 to
32 transition voltage, then adjust the voltage follower or the
pot until the transition occurs on the output bits.
The Reference Center point can also be used to create
unique transfer functions. The user must remember, however,
that there is approximately 120
Ω in series with the RC pin.
Applications
7-Bit Resolution
To obtain 7-bit resolution, two CA3306s can be wired
together. Necessary ingredients include an open-ended lad-
der network, an overtlow indicator, three-state outputs, and
chip-enabler controls - all of which are available on the
CA3306.
The first step for connecting a 7-bit circuit is to totem-pole
the ladder networks, as illustrated in Figure 17. Since the
absolute resistance value of each ladder may vary, external
trim of the mid-reference voltage may be required.
The overflow output of the lower device now becomes the
seventh bit. When it goes high, all counts must come from
the upper device. When it goes low, all counts must come
from the lower device. This is done simply by connecting the
lower overflow signal to the CE1 control of the lower A/D
converter and the CE2 control of the upper A/D converter.
The three-state outputs of the two devices (bits 1 through 6)
are now connected in parallel to complete the circuitry.
CA3306, CA3306A, CA3306C


Número de pieza similar - CA3306D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3306D INTERSIL-CA3306D Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

Descripción similar - CA3306D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com